Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2495DS Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP2495DS
Description  Integrated 100V Load Dump Protection, 2A Step Down Regulator with Output Current Control
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2495DS Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP2495DS Datasheet HTML 4Page - Monolithic Power Systems MP2495DS Datasheet HTML 5Page - Monolithic Power Systems MP2495DS Datasheet HTML 6Page - Monolithic Power Systems MP2495DS Datasheet HTML 7Page - Monolithic Power Systems MP2495DS Datasheet HTML 8Page - Monolithic Power Systems MP2495DS Datasheet HTML 9Page - Monolithic Power Systems MP2495DS Datasheet HTML 10Page - Monolithic Power Systems MP2495DS Datasheet HTML 11Page - Monolithic Power Systems MP2495DS Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
MP2495– INTEGRATED100VLOAD DUMPPROTECTION,2ASTEPDOWNREGULATORWITH OUTPUTCURRENTCONTROL
MP2495 Rev. 1.0
www.MonolithicPower.com
8
7/24/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
C1=C2=4.7μF, C3=C4=10μF, C8=0.1μF, L=12μH, TA=25ºC, unless otherwise noted
Power Ramp Up
VIN=12V, VEN put to VIN
VOUT=5V, IOUT=130mA, Resistor Load
Enable Up
VIN=15V, VEN put to VIN
VOUT=12V, IOUT=1A, Resistor Load
Steady State
VIN=15V, VEN put to VIN
VOUT=12V, IOUT=1.8A, Electrical Load
Short Circuit
VIN=12V, VEN put to VIN
VOUT=5V
Short Circuit Recovery
VIN=12V, VEN put to VIN
VOUT=5V
Enable Down
VIN=15V, VEN put to VIN
VOUT=12V, IOUT=1A, Resistor Load
Power Ramp Down
VIN=12V, VEN put to VIN
VOUT=5V, IOUT=130mA, Resistor Load
VOUT
20mV/div
IL
1A/div
VSW
5V/div
VPG
5V/div
VOUT
20mV/div
IL
1A/div
VSW
20V/div
VPG
5V/div
VOUT
20mV/div
IL
1A/div
VOUT
2V/div
IL
2A/div
VOUT
2V/div
IL
2A/div
VSW
10V/div
VPG
5V/div
VOUT
5V/div
IL
0.2A/div
VSW
10V/div
VIN
10V/div
VOUT
5V/div
IL
0.2A/div
VSW
10V/div
VIN
10V/div
VEN
2V/div
VOUT
10V/div
VSW
10V/div
IOUT
1A/div
VEN
2V/div
VOUT
10V/div
VSW
10V/div
IOUT
1A/div
1ms/div
2ms/div
2ms/div
10ms/div
Steady State
VIN=8V, VEN put to VIN
VOUT=5V, IOUT=1.8A, Electrical Load
Steady State
VIN=16V, VEN put to VIN
VOUT=5V, IOUT=1.8A, Electrical Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com