Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2560DN Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP2560DN
Description  2.5A, 4MHz, 42V Step-Down Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2560DN Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP2560DN Datasheet HTML 7Page - Monolithic Power Systems MP2560DN Datasheet HTML 8Page - Monolithic Power Systems MP2560DN Datasheet HTML 9Page - Monolithic Power Systems MP2560DN Datasheet HTML 10Page - Monolithic Power Systems MP2560DN Datasheet HTML 11Page - Monolithic Power Systems MP2560DN Datasheet HTML 12Page - Monolithic Power Systems MP2560DN Datasheet HTML 13Page - Monolithic Power Systems MP2560DN Datasheet HTML 14Page - Monolithic Power Systems MP2560DN Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
MP2560 – 2.5A, 4MHz, 42V STEP-DOWN CONVERTER
MP2560 Rev. 1.2
www.MonolithicPower.com
11
1/25/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
Table 1—Inductor Selection Guide
Part Number
Inductance (µH)
Max DCR (Ω) Current Rating (A)
Dimensions
L x W x H (mm
3)
Wurth Electronics
7447789004
4.7
0.033
2.9
7.3x7.3x3.2
744066100
10
0.035
3.6
10x10x3.8
744771115
15
0.025
3.75
12x12x6
744771122
22
0.031
3.37
12x12x6
TDK
RLF7030T-4R7
4.7
0.031
3.4
7.3x6.8x3.2
SLF10145T-100
10
0.0364
3
10.1x10.1x4.5
SLF12565T-150M4R2
15
0.0237
4.2
12.5x12.5x6.5
SLF12565T-220M3R5
22
0.0316
3.5
12.5x12.5x6.5
Toko
FDV0630-4R7M
4.7
0.049
3.3
7.7x7x3
919AS-100M
10
0.0265
4.3
10.3x10.3x4.5
919AS-160M
16
0.0492
3.3
10.3x10.3x4.5
919AS-220M
22
0.0776
3
10.3x10.3x4.5
Output Rectifier Diode
The output rectifier diode supplies the current to
the inductor when the high-side switch is off. To
reduce losses due to the diode forward voltage
and recovery times, use a Schottky diode.
Choose a diode whose maximum reverse
voltage rating is greater than the maximum
input voltage, and whose current rating is
greater than the maximum load current. Table 2
lists
example
Schottky
diodes
and
manufacturers.
Table 2—Diode Selection Guide
Diodes
Voltage/
Current
Rating
Manufacturer
B380-13-F
80V, 3A
Diodes Inc.
B390
90V, 3A
Diodes Inc.
CMSH3-100MA
100V, 3A
Central Semi
Input Capacitor
The input current to the step-down converter is
discontinuous, therefore a capacitor is required
to supply the AC current to the step-down
converter while maintaining the DC input
voltage. Use low ESR capacitors for the best
performance. Ceramic capacitors are preferred,
but tantalum or low-ESR electrolytic capacitors
may also suffice.
For simplification, choose the input capacitor
with RMS current rating greater than half of the
maximum load current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com