Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2560DN Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2560DN
Description  2.5A, 4MHz, 42V Step-Down Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2560DN Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2560DN Datasheet HTML 1Page - Monolithic Power Systems MP2560DN Datasheet HTML 2Page - Monolithic Power Systems MP2560DN Datasheet HTML 3Page - Monolithic Power Systems MP2560DN Datasheet HTML 4Page - Monolithic Power Systems MP2560DN Datasheet HTML 5Page - Monolithic Power Systems MP2560DN Datasheet HTML 6Page - Monolithic Power Systems MP2560DN Datasheet HTML 7Page - Monolithic Power Systems MP2560DN Datasheet HTML 8Page - Monolithic Power Systems MP2560DN Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
MP2560
2.5A, 4MHz, 42V
Step-Down Converter
MP2560 Rev. 1.2
www.MonolithicPower.com
1
1/25/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2560 is a high frequency step-down
switching regulator with an integrated internal
high-side high voltage power MOSFET. It
provides 2.5A output with current mode control for
fast loop response and easy compensation.
The wide 4.5V to 42V input range accommodates
a variety of step-down applications, including
those in an automotive input environment. A 12µA
shutdown mode quiescent current allows use in
battery-powered applications.
High power conversion efficiency over a wide
load range is achieved by scaling down the
switching frequency at light load condition to
reduce the switching and gate driving losses.
The frequency foldback helps prevent inductor
current runaway during startup and thermal
shutdown
provides
reliable,
fault
tolerant
operation.
By switching at 4MHz, the MP2560 is able to
prevent EMI (Electromagnetic Interference) noise
problems, such as those found in AM radio and
ADSL applications.
The MP2560 is available in small 3mm x 3mm
QFN10 and thermally enhanced SOIC8 packages.
FEATURES
• 120µA Quiescent Current
• Wide 4.5V to 42V Operating Input Range
• 220mΩ Internal Power MOSFET
• Up to 4MHz Programmable Switching
Frequency
• Stable with Ceramic Capacitor
• Internal Soft-Start
• Internally Set Current Limit without external
Current Sensing Resistor
• Up to 93% Efficiency
• Output Adjustable from 0.8V to 39V
• Available in 3x3 QFN10 and Thermally
Enhanced SOIC8 Packages
APPLICATIONS
• High Voltage Power Conversion
• Automotive Systems
• Industrial Power Systems
• Distributed Power Systems
• Battery Powered Systems
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
C6
NS
D1
VOUT
3.3V
VIN
VIN
EN
FREQ
GND
BST
SW
FB
COMP
MP2560
EN
6
10
1,2
4
5
8,9
3
7
0.5
1
1.5
2
2.5
0
LOAD CURRENT (A)
95
90
85
80
75
70
65
60
55
50
Efficiency vs.
Load Current
VIN=36V
VIN=8V
VIN=24V
VIN=12V
VOUT
fs=500kHz
=3.3V


Similar Part No. - MP2560DN

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
MP256 RECTRON-MP256 Datasheet
28Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 25 Amperes)
logo
Micro Commercial Compon...
MP256 MCC-MP256 Datasheet
39Kb / 2P
25 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Goodwork Semiconductor ...
MP256 GWSEMI-MP256 Datasheet
74Kb / 2P
SINGLE PHASE 25 AMP BRIDGE RECTIFIERS
logo
Shanghai Shunye Electro...
MP256 SHUNYE-MP256 Datasheet
199Kb / 2P
PRESS-FIT MOTOLOLA DIODES
logo
Micro Commercial Compon...
MP256 MCC-MP256 Datasheet
158Kb / 3P
25 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
More results

Similar Description - MP2560DN

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM25005 NSC-LM25005 Datasheet
760Kb / 21P
42V, 2.5A STEP-DOWN SWITCHING REGULATOR
LM25005 NSC-LM25005_06 Datasheet
414Kb / 22P
42V, 2.5A Step-Down Switching Regulator
logo
Linear Technology
LTC3412 LINER-LTC3412 Datasheet
218Kb / 20P
2.5A, 4MHz, Monolithic Synchronous Step-Down Regulator
LT8610 LINER-LT8610 Datasheet
264Kb / 20P
42V, 2.5A Synchronous Step-Down Regulator
LT8611 LINER-LT8611 Datasheet
289Kb / 24P
42V, 2.5A Synchronous Step-Down Regulator
logo
Monolithic Power System...
MP2565 MPS-MP2565 Datasheet
535Kb / 20P
2.5A, 4MHz, 50V Step-Down Converter
MP4350 MPS-MP4350 Datasheet
455Kb / 14P
2.5A, 4MHz, 20V Step-Down Converter
MP4460 MPS-MP4460 Datasheet
451Kb / 18P
2.5A, 4MHz, 36V Step-Down Converter
MPQ4460 MPS-MPQ4460 Datasheet
411Kb / 18P
Industrial Grade, 2.5A, 4MHz, 36V Step-Down Converter
logo
Linear Technology
LTC3412 LINER-LTC3412_15 Datasheet
224Kb / 20P
2.5A, 4MHz, Monolithic Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com