Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2611 Datasheet(PDF) 21 Page - Monolithic Power Systems

Part # MP2611
Description  2A, 1-Cell Li-Ion Battery Switching Charger For USB and Adapter Power
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2611 Datasheet(HTML) 21 Page - Monolithic Power Systems

Back Button MP2611 Datasheet HTML 14Page - Monolithic Power Systems MP2611 Datasheet HTML 15Page - Monolithic Power Systems MP2611 Datasheet HTML 16Page - Monolithic Power Systems MP2611 Datasheet HTML 17Page - Monolithic Power Systems MP2611 Datasheet HTML 18Page - Monolithic Power Systems MP2611 Datasheet HTML 19Page - Monolithic Power Systems MP2611 Datasheet HTML 20Page - Monolithic Power Systems MP2611 Datasheet HTML 21Page - Monolithic Power Systems MP2611 Datasheet HTML 22Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
MP2611 – 2A, 1-CELL SWITCHING CHARGER FOR USB AND ADAPTER POWER
MP2611 Rev. 1.12
www.MonolithicPower.com
21
12/7/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
Input OVP Application
For MP2611, the maximum rating of input voltage
is only 7.5V. In order to prevent an unmatched
adapter from being connected to damage this
part, the input over-voltage protection (OVP) is
required. Figure 11 shows the application circuit
for the input OVP, where the OVP threshold can
be programmed via the resistor divider consist of
R4 and R5. For the given parameters below, the
OVP threshold is 6.2V and maximum input rating
is extended to 18V (Limited by the TLVH431).
Figure 11: AC Input Mode with Input OVP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com