Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2611 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP2611
Description  2A, 1-Cell Li-Ion Battery Switching Charger For USB and Adapter Power
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2611 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP2611 Datasheet HTML 9Page - Monolithic Power Systems MP2611 Datasheet HTML 10Page - Monolithic Power Systems MP2611 Datasheet HTML 11Page - Monolithic Power Systems MP2611 Datasheet HTML 12Page - Monolithic Power Systems MP2611 Datasheet HTML 13Page - Monolithic Power Systems MP2611 Datasheet HTML 14Page - Monolithic Power Systems MP2611 Datasheet HTML 15Page - Monolithic Power Systems MP2611 Datasheet HTML 16Page - Monolithic Power Systems MP2611 Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
MP2611 – 2A, 1-CELL SWITCHING CHARGER FOR USB AND ADAPTER POWER
MP2611 Rev. 1.12
www.MonolithicPower.com
13
12/7/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
Charge-Full Termination and Auto-Recharge
When the charge current drops below the
termination threshold (IBF) during the CV charge
phase, the charger ceases charging and the
STAT1 -pin becomes an open drain. The timer
will also be reset and turned off. If the battery
voltage falls below 4.0V, auto-recharge begins
and the timer restarts a new charge cycle.
Charger Status Indication
STAT1 and STAT2 are two open-drain NMOS
outputs that must connect to the VREF33 output
or some other bias power supply through pull-up
resistors. Their output logic level combinations
indicate three status of the charger:
Table 1: Charging Status Indicator
STAT2
STAT1
Charger Status
Low
Low
Charging
Low
High
End of Charge; Faults
(Thermal Shutdown;
Time-Out; NTC Fault)
High
High
Input Power Absent;
VIN-VBATT<0.2V;
EN
Disabled
Safety Timer Operation
The MP2611 adopts an internal timer to
terminate charging if the timer times out. An
external capacitor on the TMR-pin programs the
timer duration.
The trickle mode charge time is:
TMR
Trickle_tmr
C
t30
(minutes)
0.1μF
=×
The total charge time is:
TMR
Total_tmr
C
t
=3
(hours)
0.1μF
×
Where CTMR is the capacitor connected from
TMR-pin to GND. The timer can be disabled by
pulling TMR to GND.
If a timer-out event occurs, the charging will be
terminated and the
STAT1 will become an open
drain to indicate the fault.
The charger can exit the timer-out fault state and
initiates a new charge cycle when one of the
following conditions occurs:
(a) The battery voltage falls below the auto-
recharge threshold VRECHG;
(b) A power-on-reset (POR) event occurs;
(c)
EN is toggled.
Negative Thermal Coefficient (NTC)
Thermistor
The MP2611 has a built-in NTC window
comparator that allows it to sense the battery
temperature via the thermistor packed internally
in the battery. It ensures a safe battery operating
environment. Connect an appropriately-valued
resistor from VREF33 to the NTC-pin and
connect the thermistor from the NTC-pin to
AGND. The resistor divider with a dividing ratio
depends on the battery temperature determins
the voltage on the NTC-pin. Once the voltage at
the NTC-pin is out of the NTC window, the
MP2611 stops charging. The charger restarts if
the voltage re-enters the NTC window range.
Short Circuit Protection
The MP2611 has an internal comparator to check
for battery short circuit. Once VBATT falls below 2V,
the device detects a battery-short status and the
cycle-by-cycle peak current limit falls to about 2A
to limit the current spike during the battery-short
transition. Furthermore, the switching frequency
also folds back to minimize the power loss.
Thermal Shutdown Protection
To prevent the chip from overheating during
charging, the MP2611 monitors the junction
temperature, TJ, of the die. Once TJ reaches the
thermal shutdown threshold (TSHTDWN) of 150°C,
the charger converter turns off. Charging restarts
when TJ falls below 130°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com