Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2617GL Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2617GL
Description  3A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2617GL Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2617GL Datasheet HTML 1Page - Monolithic Power Systems MP2617GL Datasheet HTML 2Page - Monolithic Power Systems MP2617GL Datasheet HTML 3Page - Monolithic Power Systems MP2617GL Datasheet HTML 4Page - Monolithic Power Systems MP2617GL Datasheet HTML 5Page - Monolithic Power Systems MP2617GL Datasheet HTML 6Page - Monolithic Power Systems MP2617GL Datasheet HTML 7Page - Monolithic Power Systems MP2617GL Datasheet HTML 8Page - Monolithic Power Systems MP2617GL Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
MP2617 – SINGLE CELL SWITCHING CHARGER WITH POWER PATH CONTROL
MP2617 Rev. 1.03
www.MonolithicPower.com
4
8/23/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 5.0V, TA = 25°C, unless otherwise noted.
Parameters
Symbol Condition
Min
Typ
Max
Units
Input Power (IN)
IN Operating Range
VIN
4.0
14
(5)
V
Rising
3.65
3.8
3.95
V
IN
Under
Voltage
Lockout
Threshold
Falling
3.35
3.5
3.65
V
Rising
270
310
350
mV
IN vs. BATT Threshold
Falling
70
110
150
mV
Rising
2.75
2.9
3.05
V
BST Voltage Threshold
VBST-VSW
Falling
2.6
2.75
2.9
V
Switching Frequency
1.4
1.6
1.8
MHz
USB2.0 Mode
400
450
500
mA
USB3.0 Mode
750
825
900
mA
Default Mode
1840
2000
2160
mA
Input Current Limit
IIN
Programmable Mode,
RILIM=23k
1840
2000
2160
mA
Input Current Limit Reference
Voltage
VILIM
1.1
1.14
1.18
V
High-side NMOS On Resistance
RH_DS(ON) Include the BLOCK FET
120
130
mΩ
Low-side NMOS On Resistance
RL_DS(ON)
80
100
mΩ
High-side NMOS Peak Current lim
3.5
4.2
4.9
A
Input Voltage Clamp Threshold
VVLIM
Voltage on VLIM
1.49
1.52
1.55
V
Charger Enabled, USB2.0
Mode
2.4
5
mA
Charger Enabled, USB3.0
Mode
2.8
5
mA
Charger Enable,
Programmable Mode
3.8
5
mA
Charger Enabled, Default
Mode
3.8
5
mA
Input Quiescent Current
IIN
Disabled, EN=0V
3
5
uA
SYS
to
IN
reverse
current
blocking
SYS=SW=4.5V,VIN=0V,
monitor VIN leakage
0.01
0.2
uA
SYS Output
Minimum
SYS
Regulation
Voltage
VSYS
SYS voltage @ VBATT≤3.4V,
SYSFB float
3.45
3.6
3.75
V
3.4V<VBATT≤4.2V, SYSFB floa
BATT Float
3.5
VBATT+
0.2V
4.5
V
SYS Regulation Voltage
VSYS
User Programmed by SYSFB
3.5
4.4
V
SYS Reference Voltage
VSYS_REF
1.135
1.152
1.17
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com