Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2617GL Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2617GL
Description  3A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2617GL Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2617GL Datasheet HTML 1Page - Monolithic Power Systems MP2617GL Datasheet HTML 2Page - Monolithic Power Systems MP2617GL Datasheet HTML 3Page - Monolithic Power Systems MP2617GL Datasheet HTML 4Page - Monolithic Power Systems MP2617GL Datasheet HTML 5Page - Monolithic Power Systems MP2617GL Datasheet HTML 6Page - Monolithic Power Systems MP2617GL Datasheet HTML 7Page - Monolithic Power Systems MP2617GL Datasheet HTML 8Page - Monolithic Power Systems MP2617GL Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
MP2617
3A Switching Charger with NVDC
Power Path Management
For Single Cell Li+ Battery
MP2617 Rev. 1.03
www.MonolithicPower.com
1
8/23/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2617 is a monolithic switch mode
battery charger with power path management
for single-cell Li-ion batteries in a wide range of
tablet and other portable devices. It integrates a
synchronous
BUCK
regulator
to
provide
regulated voltage for powering the system
output and at the same time charging the
battery. This device supports both USB and
high power DC adapter input. In USB mode, the
input current limit can be programmed to
450mA or 825mA via the logic pins to cover the
USB2.0 and USB3.0 specifications. When the
adapter input is present, the input current can
also be limited in order to avoid overloading of
the DC adapter. Input current limit can be
programmed up to 3A.
The smart power path management allows
MP2617 to regulate the system voltage for
powering an external load and charging the
battery independently and simultaneously. This
allows immediate system operation even under
missing or deeply discharged battery. When the
input current limit is reached, the system load is
satisfied in priority, then the charger will take
the remaining current to charge the battery.
Additionally, the smart power path control
allows an internal connection from battery to the
system in order to supplement additional power
to the load in the event the system power
demand increases over the input limited power
or the input is removed.
The MP2617 features high integration with all
the power switches included inside. No external
MOSFET, blocking diodes, or current sense
resistor is required.
Two status monitor output pins are provided to
indicate the battery charge status and power
source status. Other features include trickle
charge, battery temperature monitoring, timer
and thermal limiting regulation on chip.
MP2617 is available in QFN 3mmx4mm
package.
FEATURES
• 4V to 14V Operating Input Voltage
• Smart Power Path Management
• Five Control Loops: Input Current Limit,
Input Voltage Limit, Constant Charge
Current, Terminal Battery Control and
Thermal Fold-Back.
• 1.6MHz Switching Frequency
• Programmable Input Current Limit
• Programmable Charge Current
• Single Input for USB and AC adapter
• Cover
USB2.0
and
USB3.0
Input
Specification
• Fully Integrated Power Switches
• No External Blocking Diode and Sense
Resistor Required
• Charging Operation Indicator
• Built-in Programmable Charging Timer
• Thermal Limiting Regulation on Chip
• Battery Temperature Monitor
• Tiny Package Features Small Size.
APPLICATIONS
• Smart Phone
• E-Book
• GPS
• Portable Media Player
• Portable Hand-held Solution
• Tablet PC
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.


Similar Part No. - MP2617GL

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2617A MPS-MP2617A Datasheet
1Mb / 32P
3A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
MP2617A MPS-MP2617A Datasheet
1Mb / 33P
3A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
8/14/2020 Rev. 1.25
MP2617AGL MPS-MP2617AGL Datasheet
1Mb / 32P
3A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
MP2617AGL MPS-MP2617AGL Datasheet
1Mb / 33P
3A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
8/14/2020 Rev. 1.25
MP2617AGL-P MPS-MP2617AGL-P Datasheet
1Mb / 33P
3A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
8/14/2020 Rev. 1.25
More results

Similar Description - MP2617GL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24272 TI1-BQ24272 Datasheet
1Mb / 32P
2.5A, Single Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path Management
BQ24278 TI1-BQ24278 Datasheet
1Mb / 29P
2.5A, Single Input, Single Cell Switchmode Li-Ion BATTERY CHARGER with Power Path Management
logo
Richtek Technology Corp...
RT9519A RICHTEK-RT9519A Datasheet
369Kb / 17P
Linear Single Cell Li-lon Battery Charger with Auto Power Path Management
RT9519B RICHTEK-RT9519B Datasheet
386Kb / 18P
Linear Single Cell Li-lon Battery Charger with Auto Power Path Management
RT9525 RICHTEK-RT9525 Datasheet
431Kb / 15P
Linear Single Cell Li-Ion Battery Charger with Auto Power Path
logo
Monolithic Power System...
MP2625 MPS-MP2625 Datasheet
1Mb / 28P
2A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
MP2625B MPS-MP2625B Datasheet
1Mb / 31P
2A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
MP2661 MPS-MP2661 Datasheet
1Mb / 35P
4.65V System, 500mA,I2C-Controlled Battery Charger with Power Path Management for Single-Cell Li-Ion Battery
MP2617A MPS-MP2617A Datasheet
1Mb / 32P
3A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
MP2617H MPS-MP2617H Datasheet
1Mb / 31P
Wide input Voltage, 3A, Switching Charger With NVDC Power Path Management For Single Cell Li Battery
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com