Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGIPS30C60 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STGIPS30C60
Description  SLLIMM small low-loss intelligent molded module IPM, 3-phase inverter - 30 A, 600 V short-circuit rugged IGBT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPS30C60 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STGIPS30C60 Datasheet HTML 9Page - STMicroelectronics STGIPS30C60 Datasheet HTML 10Page - STMicroelectronics STGIPS30C60 Datasheet HTML 11Page - STMicroelectronics STGIPS30C60 Datasheet HTML 12Page - STMicroelectronics STGIPS30C60 Datasheet HTML 13Page - STMicroelectronics STGIPS30C60 Datasheet HTML 14Page - STMicroelectronics STGIPS30C60 Datasheet HTML 15Page - STMicroelectronics STGIPS30C60 Datasheet HTML 16Page - STMicroelectronics STGIPS30C60 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
DocID022471 Rev 6
13/21
STGIPS30C60
Smart shutdown function
Figure 8. Smart shutdown timing waveforms
Pls refer to
Table 11 for internal propagation delay time details.
SD/OD
FROM/TO
CONTROLLER
VBIAS
CSD
RSD
SMART
SD
LOGIC
RON_OD
SHUT DOWN CIRCUIT
RPD_SD
An approximation of the disable time is given by:
where:
HIN/LIN
HVG/LVG
open drain gate
(internal)
comp Vref
CP+
PROTECTION
Fast shut down:
the driver outputs are set in SD state immediately after the comparator
triggering even if the SD signal has not yet reach the lower input threshold
disable time
SD/OD
AM12947v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com