Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGIPS30C60 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STGIPS30C60
Description  SLLIMM small low-loss intelligent molded module IPM, 3-phase inverter - 30 A, 600 V short-circuit rugged IGBT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPS30C60 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STGIPS30C60 Datasheet HTML 13Page - STMicroelectronics STGIPS30C60 Datasheet HTML 14Page - STMicroelectronics STGIPS30C60 Datasheet HTML 15Page - STMicroelectronics STGIPS30C60 Datasheet HTML 16Page - STMicroelectronics STGIPS30C60 Datasheet HTML 17Page - STMicroelectronics STGIPS30C60 Datasheet HTML 18Page - STMicroelectronics STGIPS30C60 Datasheet HTML 19Page - STMicroelectronics STGIPS30C60 Datasheet HTML 20Page - STMicroelectronics STGIPS30C60 Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
Revision history
STGIPS30C60
20/21
DocID022471 Rev 6
7
Revision history
Table 15. Document revision history
Date
Revision
Changes
07-Dec-2011
1
Initial release
04-Dec-2012
2
Added: P
TOT
value
Table 3 on page 5, R
thJC
values
Table 6 on
page 6, typical values Table 7 on page 7 and Figure 12 on
page 19.
Removed: note 2
Table 3 on page 5.
02-Apr-2013
3
Added
Figure 3 and Figure 4 on page 6.
Updated:
Figure 8 on page 13.
17-Jun-2013
4
Updated Dt value in
Table 10: Logic inputs (VCC = 15 V unless
otherwise specified), Figure 7: Dead time and interlocking
waveforms definitions and t
dead
in
Table 13: Recommended
operating conditions.
09-Jul-2013
5
Updated Dt value in
Table 10: Logic inputs (VCC = 15 V unless
otherwise specified)
12-Jul-2013
6
Document status promoted from preliminary to production data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com