Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGIPS20C60 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STGIPS20C60
Description  SLLIMM small low-loss intelligent molded moduleI PM, 3-phase inverter - 20 A, 600 V short-circuit rugged IGBT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPS20C60 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STGIPS20C60 Datasheet HTML 7Page - STMicroelectronics STGIPS20C60 Datasheet HTML 8Page - STMicroelectronics STGIPS20C60 Datasheet HTML 9Page - STMicroelectronics STGIPS20C60 Datasheet HTML 10Page - STMicroelectronics STGIPS20C60 Datasheet HTML 11Page - STMicroelectronics STGIPS20C60 Datasheet HTML 12Page - STMicroelectronics STGIPS20C60 Datasheet HTML 13Page - STMicroelectronics STGIPS20C60 Datasheet HTML 14Page - STMicroelectronics STGIPS20C60 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
DocID024138 Rev 5
11/21
STGIPS20C60
Electrical characteristics
3.2
Waveforms definition
Figure 7. Dead time and interlocking waveforms definition
LIN
HIN
LVG
HVG
LIN
HIN
LVG
HVG
LIN
HIN
LVG
HVG
LIN
HIN
LVG
HVG
DTLH
DTHL
DTLH
DTHL
DTLH
DTHL
DTLH
DTHL
gate driver outputs OFF
(HALF-BRIDGE TRI-STATE)
CONTROL SIGNAL EDGES
OVERLAPPED:
INTERLOCKING + DEAD TIME
CONTROL SIGNALS EDGES
SYNCHRONOUS (*):
DEAD TIME
CONTROL SIGNALS EDGES
NOT OVERLAPPED,
BUT INSIDE THE DEAD TIME:
DEAD TIME
CONTROL SIGNALS EDGES
NOT OVERLAPPED,
OUTSIDE THE DEAD TIME:
DIRECT DRIVING
gate driver outputs OFF
(HALF-BRIDGE TRI-STATE)
gate driver outputs OFF
(HALF-BRIDGE TRI-STATE)
gate driver outputs OFF
(HALF-BRIDGE TRI-STATE)
gate driver outputs OFF
(HALF-BRIDGE TRI-STATE)
gate driver outputs OFF
(HALF-BRIDGE TRI-STATE)
gate driver outputs OFF
(HALF-BRIDGE TRI-STATE)
gate driver outputs OFF
(HALF-BRIDGE TRI-STATE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com