Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGIPS20C60 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STGIPS20C60
Description  SLLIMM small low-loss intelligent molded moduleI PM, 3-phase inverter - 20 A, 600 V short-circuit rugged IGBT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPS20C60 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STGIPS20C60 Datasheet HTML 8Page - STMicroelectronics STGIPS20C60 Datasheet HTML 9Page - STMicroelectronics STGIPS20C60 Datasheet HTML 10Page - STMicroelectronics STGIPS20C60 Datasheet HTML 11Page - STMicroelectronics STGIPS20C60 Datasheet HTML 12Page - STMicroelectronics STGIPS20C60 Datasheet HTML 13Page - STMicroelectronics STGIPS20C60 Datasheet HTML 14Page - STMicroelectronics STGIPS20C60 Datasheet HTML 15Page - STMicroelectronics STGIPS20C60 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
Smart shutdown function
STGIPS20C60
12/21
DocID024138 Rev 5
4
Smart shutdown function
The STGIPS20C60 integrates a comparator for fault sensing purposes. The comparator has
an internal voltage reference V
ref
connected to the inverting input, while the non-inverting
input, available on pin (C
IN
), can be connected to an external shunt resistor in order to
implement a simple over-current protection function. When the comparator triggers, the
device is set in shutdown state and both its outputs are set to low-level leading the
halfbridge in tri-state. In the common overcurrent protection architectures the comparator
output is usually connected to the shutdown input through a RC network, in order to provide
a mono-stable circuit, which implements a protection time that follows the fault condition.
Our smart shutdown architecture allows to immediately turn-off the output gate driver in
case of overcurrent, the fault signal has a preferential path which directly switches off the
outputs. The time delay between the fault and the outputs turn-off is no more dependent on
the RC values of the external network connected to the shutdown pin. At the same time the
DMOS connected to the open-drain output (pin SD/OD) is turned on by the internal logic
which holds
it on until the shutdown voltage is lower than the logic input lower threshold
(V
il
). Finally the smart shutdown function provides the possibility to increase the real disable
time without increasing the constant time of the external RC network.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com