Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGF20H60DF Datasheet(PDF) 8 Page - STMicroelectronics

Part # STGF20H60DF
Description  600 V, 20 A high speed trench gate field-stop IGBT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGF20H60DF Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STGF20H60DF Datasheet HTML 4Page - STMicroelectronics STGF20H60DF Datasheet HTML 5Page - STMicroelectronics STGF20H60DF Datasheet HTML 6Page - STMicroelectronics STGF20H60DF Datasheet HTML 7Page - STMicroelectronics STGF20H60DF Datasheet HTML 8Page - STMicroelectronics STGF20H60DF Datasheet HTML 9Page - STMicroelectronics STGF20H60DF Datasheet HTML 10Page - STMicroelectronics STGF20H60DF Datasheet HTML 11Page - STMicroelectronics STGF20H60DF Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Electrical characteristics
STGB20H60DF, STGF20H60DF, STGP20H60DF
8/22
DocID023740 Rev 4
Figure 6. Collector current vs. case temperature
for D²PAK and TO-220
Figure 7. Collector current vs. case temperature
for TO-220FP
Figure 8. Collector current vs. frequency for
D²PAK and TO-220
Figure 9. Collector current vs. frequency for
TO-220FP
Figure 10. Power dissipation vs. case
temperature for D²PAK and TO-220
Figure 11. Power dissipation vs. case
temperature for TO-220FP
IC
24
16
8
0
050
TC(°C)
100
(A)
25
75
32
40
125
AM16282v1
IC
12
8
4
0
050
TC(°C)
125
(A)
25
75
16
20
100
AM162821v1
IC
30
20
10
1
f(kHz)
(A)
Tc= 80°C
Rectangular current shape
(duty cycle= 0.5, VCC= 400 V
Rg = 10
Ω, VGE= 0/15V, TJ= 175°C
10
40
Tc= 100°C
50
60
AM162981V1
IC
8
4
0
1
f(kHz)
(A)
Tc= 80°C
Rectangular current shape
(duty cycle= 0.5, VCC= 400 V
Rg = 10
Ω, VGE= 0/15V, TJ= 175°C
10
12
Tc= 100°C
16
20
AM162982V1
Ptot
120
80
40
0
050
TC(°C)
125
(W)
25
75
160
100
150
AM16281V1
Ptot
24
16
8
0
050
TC(°C)
125
(W)
25
75
32
100
AM16284V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com