Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGF20H60DF Datasheet(PDF) 10 Page - STMicroelectronics

Part # STGF20H60DF
Description  600 V, 20 A high speed trench gate field-stop IGBT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGF20H60DF Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STGF20H60DF Datasheet HTML 6Page - STMicroelectronics STGF20H60DF Datasheet HTML 7Page - STMicroelectronics STGF20H60DF Datasheet HTML 8Page - STMicroelectronics STGF20H60DF Datasheet HTML 9Page - STMicroelectronics STGF20H60DF Datasheet HTML 10Page - STMicroelectronics STGF20H60DF Datasheet HTML 11Page - STMicroelectronics STGF20H60DF Datasheet HTML 12Page - STMicroelectronics STGF20H60DF Datasheet HTML 13Page - STMicroelectronics STGF20H60DF Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Electrical characteristics
STGB20H60DF, STGF20H60DF, STGP20H60DF
10/22
DocID023740 Rev 4
Figure 18. Diode VF vs. forward current
Figure 19. Gate charge vs. gate-emitter voltage
Figure 20. Capacitance variations vs. VCE
Figure 21. Switching losses vs. gate resistance
Figure 22. Switching losses vs. collector
current
Figure 23. Switching losses vs. temperature
VF
1.9
1.5
1.1
10
50
IF(A)
(V)
30
TJ= -40 °C
20
40
2.3
TJ= 25 °C
TJ= 175 °C
AM16293V1
VGE
8
4
0
0
Qg(nC)
(V)
80
VCC= 400 V
IC= 20 A
40
120
12
16
AM16294V1
C
1000
100
10
0.1
VCE(V)
(pF)
10
Coes
1
Cies
Cres
AM16295V1
E
550
450
350
0
RG(
Ω)
(µJ)
20
EOFF
10
EON
30
40
650
750
VCC= 400 V, VGE = 15V,
IC = 20 A, TJ = 175°C
AM16296V1
E
600
400
200
10
IC(A)
(µJ)
20
EOFF
EON
30
800
1000
VCC= 400 V, VGE = 15V,
Rg = 10
Ω, TJ = 175°C
AM162961V1
E
400
300
200
25
TJ(°C)
(µJ)
75
EOFF
EON
125
VCC= 400 V, VGE = 15V,
Rg = 10
Ω, IC = 20 A
AM16297V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com