Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16 Datasheet(PDF) 271 Page - Microchip Technology

Part # PIC16
Description  20-Pin Flash, 8-Bit Microcontrollers with XLP Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16 Datasheet(HTML) 271 Page - Microchip Technology

Back Button PIC16 Datasheet HTML 267Page - Microchip Technology PIC16 Datasheet HTML 268Page - Microchip Technology PIC16 Datasheet HTML 269Page - Microchip Technology PIC16 Datasheet HTML 270Page - Microchip Technology PIC16 Datasheet HTML 271Page - Microchip Technology PIC16 Datasheet HTML 272Page - Microchip Technology PIC16 Datasheet HTML 273Page - Microchip Technology PIC16 Datasheet HTML 274Page - Microchip Technology PIC16 Datasheet HTML 275Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 271 / 418 page
background image
 2011-2013 Microchip Technology Inc.
DS40001609C-page 271
PIC16(L)F1508/9
24.0 CONFIGURABLE LOGIC CELL
(CLC)
The Configurable Logic Cell (CLCx) provides program-
mable logic that operates outside the speed limitations
of software execution. The logic cell takes up to 16
input signals, and through the use of configurable
gates, reduces the 16 inputs to four logic lines that
drive one of eight selectable single-output logic func-
tions.
Input sources are a combination of the following:
• I/O pins
• Internal clocks
• Peripherals
• Register bits
The output can be directed internally to peripherals and
to an output pin.
Refer to Figure 24-1 for a simplified diagram showing
signal flow through the CLCx.
Possible configurations include:
• Combinatorial Logic
-AND
-NAND
- AND-OR
- AND-OR-INVERT
-OR-XOR
-OR-XNOR
• Latches
-S-R
- Clocked D with Set and Reset
- Transparent D with Set and Reset
- Clocked J-K with Reset
FIGURE 24-1:
DIGITAL-TO-ANALOG CONVERTER BLOCK DIAGRAM
Logic
Function
(2)
lcxg2
lcxg1
lcxg3
lcxg4
LCxMODE<2:0>
lcxq
LCxEN
LCx_in[0]
LCx_in[1]
LCx_in[2]
LCx_in[3]
LCx_in[4]
LCx_in[5]
LCx_in[6]
LCx_in[7]
LCx_in[8]
LCx_in[9]
LCx_in[10]
LCx_in[11]
LCx_in[12]
LCx_in[13]
LCx_in[14]
LCx_in[15]
LCxPOL
det
Interrupt
det
Interrupt
set bit
CLCxIF
LCXINTN
LCXINTP
LCxOE
TRIS Control
CLCx
to Peripherals
Q1
LCx_out
LCxOUT
MLCxOUT
DQ
Rev. 10-000025A
8/1/2013
Note 1: See Figure 24-2.
2: See Figure 24-3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com