Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16 Datasheet(PDF) 272 Page - Microchip Technology

Part # PIC16
Description  20-Pin Flash, 8-Bit Microcontrollers with XLP Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16 Datasheet(HTML) 272 Page - Microchip Technology

Back Button PIC16 Datasheet HTML 268Page - Microchip Technology PIC16 Datasheet HTML 269Page - Microchip Technology PIC16 Datasheet HTML 270Page - Microchip Technology PIC16 Datasheet HTML 271Page - Microchip Technology PIC16 Datasheet HTML 272Page - Microchip Technology PIC16 Datasheet HTML 273Page - Microchip Technology PIC16 Datasheet HTML 274Page - Microchip Technology PIC16 Datasheet HTML 275Page - Microchip Technology PIC16 Datasheet HTML 276Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 272 / 418 page
background image
PIC16(L)F1508/9
DS40001609C-page 272
 2011-2013 Microchip Technology Inc.
24.1
CLCx Setup
Programming the CLCx module is performed by config-
uring the four stages in the logic signal flow. The four
stages are:
•Data selection
• Data gating
• Logic function selection
• Output polarity
Each stage is setup at run time by writing to the corre-
sponding CLCx Special Function Registers. This has
the added advantage of permitting logic reconfiguration
on-the-fly during program execution.
24.1.1
DATA SELECTION
There are 16 signals available as inputs to the configu-
rable logic. Four 8-input multiplexers are used to select
the inputs to pass on to the next stage. The 16 inputs
to the multiplexers are arranged in groups of four. Each
group is available to two of the four multiplexers, in
each case, paired with a different group. This arrange-
ment makes possible selection of up to two from a
group without precluding a selection from another
group.
Data selection is through four multiplexers as indicated
on the left side of Figure 24-2. Data inputs in the figure
are identified by a generic numbered input name.
Table 24-1 correlates the generic input name to the
actual signal for each CLC module. The columns labeled
lcxd1 through lcxd4 indicate the MUX output for the
selected data input. D1S through D4S are abbreviations
for the MUX select input codes: LCxD1S<2:0> through
LCxD4S<2:0>, respectively. Selecting a data input in a
column excludes all other inputs in that column.
Data inputs are selected with CLCxSEL0 and
CLCxSEL1 registers (Register 24-3 and Register 24-5,
respectively).
Note:
Data selections are undefined at power-up.
TABLE 24-1:
CLCx DATA INPUT SELECTION
Data Input
lcxd1
D1S
lcxd2
D2S
lcxd3
D3S
lcxd4
D4S
CLC 1CLC 2CLC 3CLC 4
LCx_in[0]
000
—
—
100
CLC1IN0
CLC2IN0
CLC3IN0
CLC4IN0
LCx_in[1]
001
—
—
101
CLC1IN1
CLC2IN1
CLC3IN1
CLC4IN1
LCx_in[2]
010
—
—
110
C1OUT_sync
C1OUT_sync
C1OUT_sync
C1OUT_sync
LCx_in[3]
011
—
—
111
C2OUT_sync
C2OUT_sync
C2OUT_sync
C2OUT_sync
LCx_in[4]
100
000
—
—FOSC
FOSC
FOSC
FOSC
LCx_in[5]
101
001
—
—
T0_overflow
T0_overflow
T0_overflow
T0_overflow
LCx_in[6]
110
010
—
—
T1_overflow
T1_overflow
T1_overflow
T1_overflow
LCx_in[7]
111
011
—
—
T2_match
T2_match
T2_match
T2_match
LCx_in[8]
—
100
000
—
LC1_out
LC1_out
LC1_out
LC1_out
LCx_in[9]
—
101
001
—
LC2_out
LC2_out
LC2_out
LC2_out
LCx_in[10]
—
110
010
—
LC3_out
LC3_out
LC3_out
LC3_out
LCx_in[11]
—
111
011
—
LC4_out
LC4_out
LC4_out
LC4_out
LCx_in[12]
—
—
100
000
NCO1_out
LFINTOSC
TX_out
(EUSART)
SCK_output
(MSSP)
LCx_in[13]
—
—
101
001
HFINTOSC
FRC
LFINTOSC
SDO_output
(MSSP)
LCx_in[14]
—
—
110
010
PWM3_out
PWM1_out
PWM2_out
PWM1_out
LCx_in[15]
—
—
111
011
PWM4_out
PWM2_out
PWM3_out
PWM4_out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com