Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP25N80K5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP25N80K5
Description  N-channel 800 V, 0.19 typ., 19.5 A SuperMESH 5 Power MOSFET in D2PAK
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP25N80K5 Datasheet(HTML) 1 Page - STMicroelectronics

  STP25N80K5 Datasheet HTML 1Page - STMicroelectronics STP25N80K5 Datasheet HTML 2Page - STMicroelectronics STP25N80K5 Datasheet HTML 3Page - STMicroelectronics STP25N80K5 Datasheet HTML 4Page - STMicroelectronics STP25N80K5 Datasheet HTML 5Page - STMicroelectronics STP25N80K5 Datasheet HTML 6Page - STMicroelectronics STP25N80K5 Datasheet HTML 7Page - STMicroelectronics STP25N80K5 Datasheet HTML 8Page - STMicroelectronics STP25N80K5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
This is information on a product in full production.
June 2013
DocID023466 Rev 2
1/22
22
STB25N80K5, STF25N80K5,
STP25N80K5, STW25N80K5
N-channel 800 V, 0.19
Ω typ., 19.5 A SuperMESH™5 Power MOSFET
in D2PAK, TO-220FP, TO-220 and TO-247 packages
Datasheet
− production data
Figure 1. Internal schematic diagram
Features
• TO-220 worldwide best RDS(on)
• Worldwide best FOM (figure of merit)
• Ultra low gate charge
• 100% avalanche tested
• Zener-protected
Applications
• Switching applications
Description
These N-channel Zener-protected Power
MOSFET are designed using ST’s revolutionary
avalanche-rugged very high voltage
SuperMESH™ 5 technology, based on an
innovative proprietary vertical structure. The
result is a dramatic reduction in on-resistance,
and ultra-low gate charge for applications which
require superior power density and high
efficiency.
AM01476v1
TO-220
1
2
3
TAB
1
2
3
1
2
3
TO-220FP
TO-247
1
3
TAB
D2PAK
Order codes
VDS @
TJmax
RDS(on)
max
ID
PTOT
STB25N80K5
800 V
< 0.260
Ω 19.5 A
250 W
STF25N80K5
40 W
STP25N80K5
250 W
STW25N80K5
Table 1. Device summary
Order codes
Marking
Package
Packaging
STB25N80K5
25N80K5
D2PAK
Tape and reel
STF25N80K5
TO-220FP
Tube
STP25N80K5
TO-220
STW25N80K5
TO-247
www.st.com


Similar Part No. - STP25N80K5

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STP25N80K5 ISC-STP25N80K5 Datasheet
434Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STP25N80K5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP8N80K5 STMICROELECTRONICS-STP8N80K5 Datasheet
1Mb / 16P
N-channel 800 V, 0.8 typ., 6 A Zener-protected SuperMESH 5 Power MOSFET in TO-220 and IPAK packages
27-Mar-2013
STL8N80K5 STMICROELECTRONICS-STL8N80K5 Datasheet
1Mb / 17P
N-channel 800 V, 0.80 typ., 4.5 A Zener-protected SuperMESH 5 Power MOSFET in a PowerFLAT
19-Nov-2013
STF8N80K5 STMICROELECTRONICS-STF8N80K5 Datasheet
1Mb / 15P
N-channel 800 V, 0.8 typ., 6 A Zener-protected SuperMESH 5 Power MOSFET in TO-220FP
27-Mar-2013
STB20N65M5 STMICROELECTRONICS-STB20N65M5 Datasheet
1Mb / 21P
N-channel 650 V, 0.160 typ., 18 A MDmesh V Power MOSFET in D2PAK, I2PAK
01-Feb-2013
STF15N80K5 STMICROELECTRONICS-STF15N80K5 Datasheet
1Mb / 22P
N-channel 800 V, 0.3 ohm typ., 14 A SuperMESH 5 Power MOSFET
31-Oct-2012
STL3NK40 STMICROELECTRONICS-STL3NK40 Datasheet
807Kb / 16P
N-channel 400 V, 4.5 typ., 0.43 A, SuperMESH Power MOSFET in a PowerFLAT 5x5 package
29-Aug-2013
STF7LN80K5 STMICROELECTRONICS-STF7LN80K5 Datasheet
709Kb / 13P
N-channel 800 V, 0.95 Ω typ., 5 A MDmesh™ K5 Power MOSFET in a TO-220FP package
December 2015 Rev 1
STFI7LN80K5 STMICROELECTRONICS-STFI7LN80K5 Datasheet
699Kb / 12P
N-channel 800 V, 0.95 Ω typ., 5 A MDmesh™K5 Power MOSFET in a I²PAKFP package
15-Dec-2015
logo
ON Semiconductor
NTBG160N120SC1 ONSEMI-NTBG160N120SC1 Datasheet
245Kb / 8P
MOSFET ??SiC Power, Single N-Channel, D2PAK-7L 1200 V, 160 m, 19.5 A
February, 2020 ??Rev. 0
logo
STMicroelectronics
STB12NK80Z STMICROELECTRONICS-STB12NK80Z_V01 Datasheet
695Kb / 22P
N-channel 800 V, 0.65Ω typ., 10.5 A Zener-protected SuperMESH™ Power MOSFET in D2PAK, TO-220FP, TO-220 and TO-247
28-Aug-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com