Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP25N80K5 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STP25N80K5
Description  N-channel 800 V, 0.19 typ., 19.5 A SuperMESH 5 Power MOSFET in D2PAK
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP25N80K5 Datasheet(HTML) 5 Page - STMicroelectronics

  STP25N80K5 Datasheet HTML 1Page - STMicroelectronics STP25N80K5 Datasheet HTML 2Page - STMicroelectronics STP25N80K5 Datasheet HTML 3Page - STMicroelectronics STP25N80K5 Datasheet HTML 4Page - STMicroelectronics STP25N80K5 Datasheet HTML 5Page - STMicroelectronics STP25N80K5 Datasheet HTML 6Page - STMicroelectronics STP25N80K5 Datasheet HTML 7Page - STMicroelectronics STP25N80K5 Datasheet HTML 8Page - STMicroelectronics STP25N80K5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
DocID023466 Rev 2
5/22
STB25N80K5, STF25N80K5, STP25N80K5, STW25N80K5
Electrical characteristics
The built-in back-to-back Zener diodes have been specifically designed to enhance not only
the device’s ESD capability, but also to make them capable of safely absorbing any voltage
transients that may occasionally be applied from gate to source. In this respect, the Zener
voltage is appropriate to achieve efficient and cost-effective protection of device integrity.
The integrated Zener diodes thus eliminate the need for external components.
Table 6. Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VDD = 400 V, ID = 10 A,
RG=4.7 Ω, VGS=10 V
(see Figure 21)
-25
-
ns
tr
Rise time
-
13
-
ns
td(off)
Turn-off delay time
-
60
-
ns
tf
Fall time
-
15
-
ns
Table 7. Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD
Source-drain current
-
19.5
A
ISDM
Source-drain current (pulsed)
-
78
A
VSD
(1)
1.
Pulsed: pulse duration = 300µs, duty cycle 1.5%
Forward on voltage
ISD= 19.5 A, VGS=0
-
1.5
V
trr
Reverse recovery time
ISD= 19.5 A, VDD= 60 V
di/dt = 100 A/µs,
(see Figure 20)
-
515
ns
Qrr
Reverse recovery charge
-
11
μC
IRRM
Reverse recovery current
-
43.2
A
trr
Reverse recovery time
ISD= 19.5 A,VDD= 60 V
di/dt=100 A/µs,
Tj=150 °C
(see Figure 20)
-
615
ns
Qrr
Reverse recovery charge
-
13
μC
IRRM
Reverse recovery current
-
43
A
Table 8. Gate-source Zener diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit
V(BR)GSO
Gate-source breakdown
voltage
IGS= ± 1 mA, ID=0
30
-
-
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com