Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

20N65M5 Datasheet(PDF) 3 Page - STMicroelectronics

Part # 20N65M5
Description  N-channel 650 V, 0.160 typ., 18 A MDmesh V Power MOSFET in D2PAK, I2PAK
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

20N65M5 Datasheet(HTML) 3 Page - STMicroelectronics

  20N65M5 Datasheet HTML 1Page - STMicroelectronics 20N65M5 Datasheet HTML 2Page - STMicroelectronics 20N65M5 Datasheet HTML 3Page - STMicroelectronics 20N65M5 Datasheet HTML 4Page - STMicroelectronics 20N65M5 Datasheet HTML 5Page - STMicroelectronics 20N65M5 Datasheet HTML 6Page - STMicroelectronics 20N65M5 Datasheet HTML 7Page - STMicroelectronics 20N65M5 Datasheet HTML 8Page - STMicroelectronics 20N65M5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
STB20N65M5, STI20N65M5, STP20N65M5, STW20N65M5
Electrical ratings
Doc ID 022865 Rev 2
3/21
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VGS
Gate-source voltage
± 25
V
ID
Drain current (continuous) at TC = 25 °C
18
A
ID
Drain current (continuous) at TC = 100 °C
11.3
A
IDM
(1)
Drain current (pulsed)
72
A
PTOT
Total dissipation at TC = 25 °C
130
W
dv/dt (1)
1.
ISD ≤ 18 A, di/dt ≤400 A/µs; VDS peak < V(BR)DSS, VDD=400 V
Peak diode recovery voltage slope
15
V/ns
Tstg
Storage temperature
- 55 to 150
°C
Tj
Max. operating junction temperature
150
°C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
D2PAK
I2PAK,
TO-220
TO-247
Rthj-case Thermal resistance junction-case max
0.96
°C/W
Rthj-amb Thermal resistance junction-ambient max
62.5
50
°C/W
Rthj-pcb
(1)
1.
When mounted on 1 inch² FR-4, 1 Oz copper board.
Thermal resistance junction-pcb max
30
°C/W
Table 4.
Avalanche characteristics
Symbol
Parameter
Value
Unit
IAR
Avalanche current, repetetive or not
repetetive (pulse width limited by Tjmax )
4A
EAS
Single pulse avalanche energy (starting
tj=25°C, Id= IAR; Vdd=50 V)
270
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com