Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

20N65M5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 20N65M5
Description  N-channel 650 V, 0.160 typ., 18 A MDmesh V Power MOSFET in D2PAK, I2PAK
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

20N65M5 Datasheet(HTML) 1 Page - STMicroelectronics

  20N65M5 Datasheet HTML 1Page - STMicroelectronics 20N65M5 Datasheet HTML 2Page - STMicroelectronics 20N65M5 Datasheet HTML 3Page - STMicroelectronics 20N65M5 Datasheet HTML 4Page - STMicroelectronics 20N65M5 Datasheet HTML 5Page - STMicroelectronics 20N65M5 Datasheet HTML 6Page - STMicroelectronics 20N65M5 Datasheet HTML 7Page - STMicroelectronics 20N65M5 Datasheet HTML 8Page - STMicroelectronics 20N65M5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
This is information on a product in full production.
February 2013
Doc ID 022865 Rev 2
1/21
21
STB20N65M5, STI20N65M5,
STP20N65M5, STW20N65M5
N-channel 650 V, 0.160
Ω typ., 18 A MDmesh™ V Power MOSFET
in D2PAK, I2PAK, TO-220 and TO-247 packages
Datasheet — production data
Features
■ Worldwide best RDS(on) * area
■ Higher VDSS rating and high dv/dt capability
■ Excellent switching performance
■ 100% avalanche tested
Applications
■ Switching applications
Description
These devices are N-channel MDmesh™ V
Power MOSFETs based on an innovative
proprietary vertical process technology, which is
combined with STMicroelectronics’ well-known
PowerMESH™ horizontal layout structure. The
resulting product has extremely low on-
resistance, which is unmatched among silicon-
based Power MOSFETs, making it especially
suitable for applications which require superior
power density and outstanding efficiency.
Figure 1.
Internal schematic diagram
Order codes
VDS @
TJmax
RDS(on)
max
ID
STB20N65M5
710 V
0.19
Ω
18 A
STI20N65M5
STP20N65M5
STW20N65M5
TO-247
TO-220
I2PAK
1
2
3
TAB
1
2
3
D2PAK
1
3
2
TAB
1
2
3
TAB
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STB20N65M5
20N65M5
D2PAK
Tape and reel
STI20N65M5
I2PAK
Tube
STP20N65M5
TO-220
STW20N65M5
TO-247
www.st.com


Similar Part No. - 20N65M5

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
20N65 UTC-20N65 Datasheet
133Kb / 3P
20A, 650V N-CHANNEL POWER MOSFET
logo
Shanghai Shunye Electro...
20N65 SHUNYE-20N65 Datasheet
1Mb / 6P
20A N-Channel Power MOSFET
V2.22
logo
DONGGUAN YOU FENG WEI E...
20N65A YFWDIODE-20N65A Datasheet
891Kb / 6P
20A 650V N-channel enhancement mode field effect transistor
logo
Wuxi NCE Power Semicond...
20N65C3 NCEPOWER-20N65C3 Datasheet
513Kb / 7P
Super Junction MOSFET
logo
Unisonic Technologies
20N65G-T47-T UTC-20N65G-T47-T Datasheet
133Kb / 3P
20A, 650V N-CHANNEL POWER MOSFET
More results

Similar Description - 20N65M5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STY139N65M5 STMICROELECTRONICS-STY139N65M5 Datasheet
971Kb / 13P
N-channel 650 V, 0.014 Ω typ., 130 A, MDmesh™V Power MOSFET in Max247 package
24-Jan-2013
STB24N60M2 STMICROELECTRONICS-STB24N60M2 Datasheet
1Mb / 22P
N-channel 600 V, 0.168 typ., 18 A MDmesh II Plus low Qg Power MOSFET in D2PAK
28-May-2013
STB45N65M5 STMICROELECTRONICS-STB45N65M5 Datasheet
1Mb / 20P
N-channel 650 V, 0.067 ohm typ., 35 A MDmesh V Power MOSFET
05-Mar-2013
STF15N65M5 STMICROELECTRONICS-STF15N65M5 Datasheet
925Kb / 17P
N-channel 650 V, 0.308 ohm typ., 11 A MDmesh V Power MOSFET
09-Nov-2012
STW45N65M5 STMICROELECTRONICS-STW45N65M5 Datasheet
1Mb / 20P
N-channel 650 V, 0.067 typ., 35 A MDmesh V Power MOSFET in D2PAK, TO-220FP and TO-220 packages
05-Mar-2013
STB57N65M5 STMICROELECTRONICS-STB57N65M5 Datasheet
1Mb / 22P
N-channel 650 V, 0.056 typ., 42 A MDmesh V Power MOSFET
04-Dec-2012
STF20N65M5 STMICROELECTRONICS-STF20N65M5 Datasheet
1Mb / 21P
N-channel 650 V, 0.160 Ω typ., 18 A MDmesh™ V Power MOSFET in D2PAK, I2PAK, TO-220 and TO-247 packages
February 2013 Rev 2
STF34N65M5 STMICROELECTRONICS-STF34N65M5 Datasheet
1Mb / 22P
N-channel 650 V, 0.09 typ., 28 A MDmesh V Power MOSFETs in D2PAK, I2PAK, TO-220 and TO-247 packages
02-Oct-2013
STE139N65M5 STMICROELECTRONICS-STE139N65M5 Datasheet
1,021Kb / 13P
N-channel 650 V, 0.014 (ohm) typ., 130 A, MDmesh V Power MOSFET in a ISOTOP package
13-Aug-2013
STX42N65M5 STMICROELECTRONICS-STX42N65M5 Datasheet
1Mb / 18P
N-channel 650 V, 0.070 Ω, 33 A MDmesh™ V Power MOSFET in I2PAK, TO-220, TO-220FP, D2PAK and TO-247
12-Jun-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com