Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB0006WP Datasheet(PDF) 1 Page - AVX Corporation

Part # USB0006WP
Description  Multilayer Varistors for Universal Serial BUS Protection
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

USB0006WP Datasheet(HTML) 1 Page - AVX Corporation

  USB0006WP Datasheet HTML 1Page - AVX Corporation USB0006WP Datasheet HTML 2Page - AVX Corporation USB0006WP Datasheet HTML 3Page - AVX Corporation USB0006WP Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
59
P
Termination
P = Ni/Sn Alloy (Plated)
USB Series varistors are designed to protect the high speed data lines
against ESD transients. They have very low capacitance and fast turn on
times that make this series ideal for data and transmission lines with high
data rates. The unique design enables these devices to meet the rigorous
testing criteria of the IEC 61000-4-2 standards. New and improved manu-
facturing process has created these USB series to be one of the best plat-
ed varistors in the market today.
USB Series Varistor
Multilayer Varistors for Universal Serial BUS Protection
GENERAL DESCRIPTION
• Zinc Oxide (ZnO) based ceramic semiconductor devices with non-linear
voltage-current characteristics
• Bi-directional device, similar to back-to-back Zener diodes plus an EMC
capacitor in parallel
• Entire structure made up of conductive ZnO grains surrounded by electri-
cally insulating barriers, creating varistor-like behavior
• Electrical advantages over Zener diodes are repetitive strike capability,
high in rush current capability, fast turn-on-time and EMI attenuation
• Protects against ESD to meet IEC 61000-4-2 15kV (air) and 8kV
(contact)
• Low capacitance for high speed data lines
• Available in discrete and array packages (2 and 4 element)
• Low Clamping Voltage
• Low Operating Voltage
• Response time is < 1ns
FEATURES
• Available in EIA 0603 (Single), 0405 (Dual) and 0612 (Quad) cases
• Plated Tin over Nickel Barrier
• Packaged in Tape & Reel
MECHANICAL CHARACTERISTICS
PINOUT CONFIGURATION
PART NUMBERING
• USB BUS Lines/Firewire Data
BUS Lines
• I/O BUS Lines
• 10/100/1000 Ethernet
Transmission Lines
• Video Card Data Lines
• Handheld Devices
• Laptop Computers
• LCD Monitors
USB0001/0005/0006
0603 and 0402 (Single)
USB0002
0405 (Dual)
USB0004
0612
(Quad)
TYPICAL APPLICATIONS
USB
Style
0001
Case Size
0001 = 0603 (Single)
0002 = 0405 (2-Element)
0004 = 0612 (4-Element)
0005 = 0402 (Single)
0006 = 0402 (Single)
D
Packaging Code
(Reel Size)
D = 7" (1,000 pcs.)
R = 7" (4,000 pcs.)
T = 13" (10,000 pcs.)
W = 7" (10,000 pcs.
0402 only)
USB Series Varistor
Multilayer Varistors for Universal Serial BUS Protection


Similar Part No. - USB0006WP

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
USB0001DP AVX-USB0001DP Datasheet
113Kb / 4P
Low Capacitance Multilayer Varistors
More results

Similar Description - USB0006WP

ManufacturerPart #DatasheetDescription
logo
Micronas
UAC3552A MICRONAS-UAC3552A Datasheet
337Kb / 28P
Universal Serial Bus
logo
Adam Technologies, Inc.
USB-A3-S-1 ADAM-TECH-USB-A3-S-1 Datasheet
90Kb / 1P
UNIVERSAL SERIAL BUS
USB-A3-S-RA ADAM-TECH-USB-A3-S-RA Datasheet
84Kb / 1P
UNIVERSAL SERIAL BUS
USB-A3-S-RA-1 ADAM-TECH-USB-A3-S-RA-1 Datasheet
84Kb / 1P
UNIVERSAL SERIAL BUS
USB-A3-S-RA-A ADAM-TECH-USB-A3-S-RA-A Datasheet
117Kb / 1P
UNIVERSAL SERIAL BUS
USB-A3-S-RA-A-1 ADAM-TECH-USB-A3-S-RA-A-1 Datasheet
117Kb / 1P
UNIVERSAL SERIAL BUS
USB-A-S-VT-1 ADAM-TECH-USB-A-S-VT-1 Datasheet
83Kb / 1P
UNIVERSAL SERIAL BUS
USB-A-S-VT-2 ADAM-TECH-USB-A-S-VT-2 Datasheet
83Kb / 1P
UNIVERSAL SERIAL BUS
logo
Kycon, Inc.
KUSB67X-MM-CS1 KYCON-KUSB67X-MM-CS1 Datasheet
6Mb / 1P
Universal Serial Bus
KUSB67X-SMTTH-CS4 KYCON-KUSB67X-SMTTH-CS4 Datasheet
7Mb / 1P
Universal Serial Bus
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com