Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CopperWire Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # CopperWire
Description  RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

CopperWire Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  CopperWire Datasheet HTML 1Page - Freescale Semiconductor, Inc CopperWire Datasheet HTML 2Page - Freescale Semiconductor, Inc CopperWire Datasheet HTML 3Page - Freescale Semiconductor, Inc CopperWire Datasheet HTML 4Page - Freescale Semiconductor, Inc CopperWire Datasheet HTML 5Page - Freescale Semiconductor, Inc CopperWire Datasheet HTML 6Page - Freescale Semiconductor, Inc CopperWire Datasheet HTML 7Page - Freescale Semiconductor, Inc CopperWire Datasheet HTML 8Page - Freescale Semiconductor, Inc CopperWire Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
MRF6V4300NR1 MRF6V4300NBR1
3
RF Device Data
Freescale Semiconductor
Figure 2. MRF6V4300NR1(NBR1) Test Circuit Schematic
Z8
0.380″ x 0.220″ Microstrip
Z9
0.040″ x 0.170″ Microstrip
Z10
0.315″ x 0.170″ Microstrip
Z11
0.230″ x 0.170″ Microstrip
Z12
0.390″ x 0.170″ Microstrip
Z13
0.680″ x 0.082″ Microstrip
PCB
Arlon CuClad 250GX--0300--55--22, 0.030″, εr =2.55
Z1
0.900″ x 0.082″ Microstrip
Z2
0.115″ x 0.170″ Microstrip
Z3
0.260″ x 0.170″ Microstrip
Z4
0.380″ x 0.170″ Microstrip
Z5
0.220″ x 0.220″ Microstrip
Z6
0.290″ x 0.630″ Microstrip
Z7
0.220″ x 0.630″ Microstrip
Z1
RF
INPUT
C11
Z2
Z3
Z4
Z5
Z6
DUT
Z9
C15
RF
OUTPUT
Z10
C4
B1
VBIAS
VSUPPLY
C7
R1
C2
C1
+
C8
Z7
Z13
Z8
B3
C19
L1
C12
C16
L4
L2
C13
C17
C18
C9
C5
C21 C22
C20
C23 C24
Z12
C25 C26
C27 C28
Z11
L3
L5
C14
C10 C6
B2
C3
VSUPPLY
Table 6. MRF6V4300NR1(NBR1) Test Circuit Component Designations and Values
Part
Description
Part Number
Manufacturer
B1
Short Ferrite Bead
2743019447
Fair--Rite
B2, B3
Long Ferrite Beads
2743021447
Fair--Rite
C1
47 μF, 25 V, Tantalum Capacitor
T491B476M025AT
Kemet
C2, C3
22 μF, 50 V, Chip Capacitors
C5750JF1H226ZT
TDK
C4, C5, C6, C7
1 μF, 100 V, Chip Capacitors
C3225JB2A105KT
TDK
C8, C9, C10
15 nF, 100 V, Chip Capacitors
C3225CH2A153JT
TDK
C11, C12, C13, C14, C15
240 pF, Chip Capacitors
ATC100B241JT500XT
ATC
C16
9.1 pF, Chip Capacitor
ATC100B9R1JT500XT
ATC
C17
15 pF, Chip Capacitor
ATC100B150JT500XT
ATC
C18
51 pF, Chip Capacitor
ATC100B510JT500XT
ATC
C19, C20
5.6 pF, Chip Capacitors
ATC100B5R6JT500XT
ATC
C21, C22, C23, C24
4.3 pF, Chip Capacitors
ATC100B4R3JT500XT
ATC
C25, C26, C27, C28
4.7 pF, Chip Capacitors
ATC100B4R7JT500XT
ATC
L1
27 nH Inductor
1812SMS--27NJLC
Coilcraft
L2, L3
47 nH Inductors
1812SMS--47NJLC
Coilcraft
L4, L5
5 Turn, #18 AWG Inductors, Hand Wound
Copper Wire
R1
10 Ω, 1/4 W, Chip Resistor
CRCW120610R1FKEA
Vishay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com