Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CopperWire Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # CopperWire
Description  RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

CopperWire Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  CopperWire Datasheet HTML 1Page - Freescale Semiconductor, Inc CopperWire Datasheet HTML 2Page - Freescale Semiconductor, Inc CopperWire Datasheet HTML 3Page - Freescale Semiconductor, Inc CopperWire Datasheet HTML 4Page - Freescale Semiconductor, Inc CopperWire Datasheet HTML 5Page - Freescale Semiconductor, Inc CopperWire Datasheet HTML 6Page - Freescale Semiconductor, Inc CopperWire Datasheet HTML 7Page - Freescale Semiconductor, Inc CopperWire Datasheet HTML 8Page - Freescale Semiconductor, Inc CopperWire Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
MRF6V4300NR1 MRF6V4300NBR1
5
RF Device Data
Freescale Semiconductor
TYPICAL CHARACTERISTICS
50
1
1000
020
10
VDS, DRAIN--SOURCE VOLTAGE (VOLTS)
Figure 4. Capacitance versus Drain--Source Voltage
30
Ciss
1
100
1
TC =25°C
10
10
VDS, DRAIN--SOURCE VOLTAGE (VOLTS)
Figure 5. DC Safe Operating Area
40
0
10
0
DRAIN VOLTAGE (VOLTS)
9
8
7
6
20
120
Figure 6. DC Drain Current versus Drain Voltage
60
600
18
23
IDQ = 1350 mA
10
22
21
20
Pout, OUTPUT POWER (WATTS) CW
Figure 7. CW Power Gain versus Output Power
VDD =50 Vdc
f = 450 MHz
100
10
40
100
5
VGS =3 V
Coss
Crss
80
100
4
3
2
1
2.75 V
2.63 V
2.5 V
2.25 V
19
100
1125 mA
900 mA
450 mA
100
--55
--15
10
Pout, OUTPUT POWER (WATTS) PEP
--25
--30
--35
--40
600
Figure 8. Third Order Intermodulation Distortion
versus Output Power
VDD = 50 Vdc, f1 = 450 MHz, f2 = 450.1 MHz
Two--Tone Measurements, 100 kHz Tone Spacing
--45
--50
--20
IDQ = 450 mA
1350 mA
900 mA
650 mA
1125 mA
38
50
60
28
31
29
58
56
54
52
Pin, INPUT POWER (dBm)
Figure 9. CW Output Power versus Input Power
30
34
P3dB = 56.06 dBm (403 W)
Actual
Ideal
P1dB = 55.15 dBm (327 W)
VDD =50 Vdc,IDQ = 900 mA
f = 450 MHz
Measured with ±30 mV(rms)ac @ 1 MHz
VGS =0 Vdc
650 mA
--60
--10
--5
0
59
57
55
53
51
33
32
35
36
37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com