Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2676 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP2676
Description  Li-Ion Charger Protection IC With Integrated P-MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2676 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2676 Datasheet HTML 1Page - Monolithic Power Systems MP2676 Datasheet HTML 2Page - Monolithic Power Systems MP2676 Datasheet HTML 3Page - Monolithic Power Systems MP2676 Datasheet HTML 4Page - Monolithic Power Systems MP2676 Datasheet HTML 5Page - Monolithic Power Systems MP2676 Datasheet HTML 6Page - Monolithic Power Systems MP2676 Datasheet HTML 7Page - Monolithic Power Systems MP2676 Datasheet HTML 8Page - Monolithic Power Systems MP2676 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MP2676 –LI-ION CHARGER PROTECTION IC WITH INTEGRATED P-MOSFET
MP2676 Rev. 0.91
www.MonolithicPower.com
2
12/7/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
Free Air Temperature (TA)
MP2676EG
QFN8 (2mm x 2mm)
8Q
-20
°C to +85°C
* For Tape & Reel, add suffix –Z (e.g. MP2676EG–Z)
For RoHS compliant packaging, add suffix –LF (e.g. MP2676EG–LF–Z)
PACKAGE REFERENCE
TOP VIEW
ACIN
ACIN
GND
VBAT
1
2
3
4
OUT
OUT
CHRIN
GATDRV
8
7
6
5
ABSOLUTE MAXIMUM RATINGS (1)
ACIN to GND...................................-0.3V to 30V
OUT, GATDRV and CHRIN to GND
..........................................................-0.3V to 7V
VBAT .............................................-0.3V to 5.5V
Continuous Power Dissipation
(TA = +25°C)
(2)
QFN8 (2mm x 2mm) ................................ 1.25W
Junction Temperature...............................150
°C
Storage Temperature............... -65
°C to +150°C
Lead Temperature ...................................260°C
Recommended Operating Conditions (3)
Supply Voltage VIN ..........................4.3V to 5.5V
Operating Junct. Temp (TJ)...... -20°C to +125°C
Thermal Resistance
(4)
θJA
θJC
QFN8 (2mm x 2mm).............. 100 ......55...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ(MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD(MAX)=(TJ(MAX)-
TA)/θJA. Exceeding the maximum allowable power dissipation
will cause excessive die temperature, and the regulator will go
into thermal shutdown. Internal thermal shutdown circuitry
protects the device from permanent damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com