Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2676 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP2676
Description  Li-Ion Charger Protection IC With Integrated P-MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2676 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP2676 Datasheet HTML 2Page - Monolithic Power Systems MP2676 Datasheet HTML 3Page - Monolithic Power Systems MP2676 Datasheet HTML 4Page - Monolithic Power Systems MP2676 Datasheet HTML 5Page - Monolithic Power Systems MP2676 Datasheet HTML 6Page - Monolithic Power Systems MP2676 Datasheet HTML 7Page - Monolithic Power Systems MP2676 Datasheet HTML 8Page - Monolithic Power Systems MP2676 Datasheet HTML 9Page - Monolithic Power Systems MP2676 Datasheet HTML 10Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MP2676 –LI-ION CHARGER PROTECTION IC WITH INTEGRATED P-MOSFET
MP2676 Rev. 0.91
www.MonolithicPower.com
6
12/7/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN=5V, RVB=200kΩ, GATDRV connected to GND, TA=25ºC, unless otherwise noted.
VIN
5V/div.
CHRIN
2V/div.
VIN
2V/div.
VIN
2V/div.
IOUT
200mA/div.
IOUT
200mA/div.
IOUT
200mA/div.
VOUT
1V/div.
VOUT
2V/div.
CHRIN
2V/div.
CHRIN
2V/div.
4ms/div.
10ms/div.
4ms/div.
2ms/div.
Input OVP
VIN Steps from 5V to 20V Quickly,
GATDRV=CHRIN
VIN
2V/div.
CHRIN
2V/div.
VBAT
1V/div.
VBAT
1V/div.
VIN
2V/div.
CHRIN
2V/div.
VBAT
1V/div.
VIN
2V/div.
CHRIN
2V/div.
100ms/div.
200ms/div.
20ms/div.
VIN
2V/div.
IOUT
1A/div.
VOUT
2V/div.
CHRIN
2V/div.
VIN
2V/div.
IOUT
1A/div.
VOUT
2V/div.
CHRIN
2V/div.
VIN
2V/div.
IOUT
1A/div.
VOUT
2V/div.
CHRIN
2V/div.
Input OVP Recovery
VIN Drops from 7V to 5V Slowly,
GATDRV=CHRIN
Input OVP Start Up
VIN=7V, GATDRV=CHRIN
Battery OVP Blanking Time
VBAT Steps from 3.5V to 4.5V
Battery OVP Recovery
VBAT Drops from 4.5V to 3.5V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com