Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3302 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP3302
Description  40V, 1.3A, Single-cell Step-up White LED Driver with Single Wire Dimming Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3302 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP3302 Datasheet HTML 3Page - Monolithic Power Systems MP3302 Datasheet HTML 4Page - Monolithic Power Systems MP3302 Datasheet HTML 5Page - Monolithic Power Systems MP3302 Datasheet HTML 6Page - Monolithic Power Systems MP3302 Datasheet HTML 7Page - Monolithic Power Systems MP3302 Datasheet HTML 8Page - Monolithic Power Systems MP3302 Datasheet HTML 9Page - Monolithic Power Systems MP3302 Datasheet HTML 10Page - Monolithic Power Systems MP3302 Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MP3302 –40V, 1.3A, SINGLE-CELL STEP-UP WHITE LED DRIVER WITH SINGLE WIRE DIMMING CONTROL
MP3302 Rev. 0.98
www.MonolithicPower.com
7
5/5/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
APPLICATION INFORMATION
Enable/
Dimming
Control
MP3302
VIN
3.3V to 6V
MBR0520
4.7uH
C2
0.47uF
C1
10uF
IN
EN
GND
FB
SW
Figure 2—Circuit for Driving 9 Strings of 3 WLEDs
A typical application circuit can be seen in
Figure 2. The 9 strings of 3 white LEDs can be
driven from a voltage supply range of 3.3V to
6V at an output current of 180mA. A 0.47µF
output
capacitor
is
sufficient
for
most
applications. A 4.7µH inductor with low DCR
(Inductor DC resistance) is recommended to
improve efficiency. A 10µF ceramic capacitor is
recommended for the input capacitance in the
real system. Schottky diodes have fast recovery
and
a
low
forward
voltage
and
are
recommended. Schottky diodes rated with
500mA are sufficient for the MP3302. The
MP3302 has internal soft-start to limit the
amount of current through VIN at startup and to
also limit the amount of overshoot on the output.
The ramped voltage that is added to the current
sense amplifier reduces the current output as
the duty cycle increases. As more LEDs are
added, the output voltage rises but the current
that can be delivered to the load is reduced as
well.
Setting the LED Current
The LED current is controlled by the feedback
resistor, R1. The current through the LEDs is
given by the equation 200mV/R1. Table 1
shows the selection of resistors for a given LED
current.
Table 1—ILED vs. R1
ILED (mA)
R1 (Ω)
1
200
5
40
10
20
20
10
60
3.33
180
1.11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com