Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3302 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP3302
Description  40V, 1.3A, Single-cell Step-up White LED Driver with Single Wire Dimming Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3302 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP3302 Datasheet HTML 1Page - Monolithic Power Systems MP3302 Datasheet HTML 2Page - Monolithic Power Systems MP3302 Datasheet HTML 3Page - Monolithic Power Systems MP3302 Datasheet HTML 4Page - Monolithic Power Systems MP3302 Datasheet HTML 5Page - Monolithic Power Systems MP3302 Datasheet HTML 6Page - Monolithic Power Systems MP3302 Datasheet HTML 7Page - Monolithic Power Systems MP3302 Datasheet HTML 8Page - Monolithic Power Systems MP3302 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MP3302
40V, 1.3A, Single-cell Step-up
White LED Driver
with Single Wire Dimming Control
MP3302 Rev. 0.98
www.MonolithicPower.com
1
5/5/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP3302 is a step-up converter designed for
driving arrays of WLEDS from a single cell
Lithium Ion battery. The MP3302 uses current
mode, fixed frequency architecture to regulate the
LED current, which is measured through an
external current sense resistor. Its low 200mV
feedback voltage reduces power loss and
improves efficiency. The MP3302 is turned off if
an over-voltage condition is present due to an
open circuit condition.
The MP3302 includes under-voltage lockout,
current limiting and thermal overload protection
preventing damage in the event of an output
overload.
The MP3302 is available in small 5-pin TSOT23
and 8-pin QFN (2mm x 3mm) packages.
FEATURES
• Internal Power MOSFET
• Drives up to 10 Series White LEDs
• Up to 87% Efficiency
• Single Wire Dimming Control
• 1.3MHz Fixed Switching Frequency
• Open Load Shutdown
• Low 200mV Feedback Voltage
• UVLO, Thermal Shutdown
• Internal 1.3A Current Limit
• Available in TSOT23-5 and 2mm x 3mm
QFN8 Packages
APPLICATIONS
• 5” ~ 7” LCD Panels
• Handheld Computers and PDAs
• Digital Still Cameras
• Small LCD Displays
“Monolithic Power Systems”, “MPS”, and “The Future of Analog IC Technology”
are Registered Trademarks of Monolithic Power Systems, Inc.
TYPICAL APPLICATION
MP3302
VIN
3.3V - 6V
Enable/
Dimming
Control
LED1
LED2
LED3
LED25
LED26
LED27
IN
EN
GND
FB
SW
String 1
String 9
...
3
60
65
70
75
80
85
90
95
4
56
INPUT VOLTAGE(V)
3 WLEDs,9 Strings
Efficiency vs
Input Voltage


Similar Part No. - MP3302

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3302DD MPS-MP3302DD Datasheet
156Kb / 4P
1.3A Fixed Frequency White LED Driver Evaluation Board
MP3302DG MPS-MP3302DG Datasheet
178Kb / 4P
1.3A Fixed Frequency White LED Driver Evaluation Board
MP3302DJ7 MPS-MP3302DJ7 Datasheet
138Kb / 4P
1.3A Fixed Frequency White LED Driver Evaluation Board
More results

Similar Description - MP3302

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3486 LINER-LT3486 Datasheet
839Kb / 20P
Dual 1.3A White LED Step-Up Converters with Wide Dimming
LT3486 LINER-LT3486_08 Datasheet
2Mb / 20P
Dual 1.3A White LED Step-Up Converters with Wide Dimming
logo
Monolithic Power System...
MP3304 MPS-MP3304 Datasheet
337Kb / 12P
36V, 1.3A, Step-up White LED Driver with High Frequency True PWM Dimming
MP3308 MPS-MP3308 Datasheet
314Kb / 13P
Step-up White LED Driver with Dual PWM Dimming Input Control
MP3310 MPS-MP3310 Datasheet
359Kb / 10P
50V, 1.3A, Step-up White LED Driver with True PWM Dimming
logo
Linear Technology
LT3486 LINER-LT3486_15 Datasheet
2Mb / 20P
Dual 1.3A White LED Step-Up Converters with Wide Dimming
logo
Monolithic Power System...
MP3310N MPS-MP3310N Datasheet
349Kb / 10P
50V, 1.3A, Step-up White LED Driver with True PWM Dimming
logo
ETA SOLUTIONS CO. LIMIT...
ETA1165 ETA-ETA1165 Datasheet
195Kb / 1P
40V Step-Up Regulator for White LED Driver with PWM Dimming
ETA1168 ETA-ETA1168 Datasheet
219Kb / 1P
40V Step-Up Regulator for White LED Driver with PWM Dimming
logo
Shenzhen Huazhimei Semi...
HM5668 HMSEMI-HM5668 Datasheet
649Kb / 6P
40V Step-Up Regulator for White LED Driver with PWM Dimming
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com