Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3304CDD Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP3304CDD
Description  36V, 1.3A, Step-up White LED Driver with High Frequency True PWM Dimming
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3304CDD Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP3304CDD Datasheet HTML 3Page - Monolithic Power Systems MP3304CDD Datasheet HTML 4Page - Monolithic Power Systems MP3304CDD Datasheet HTML 5Page - Monolithic Power Systems MP3304CDD Datasheet HTML 6Page - Monolithic Power Systems MP3304CDD Datasheet HTML 7Page - Monolithic Power Systems MP3304CDD Datasheet HTML 8Page - Monolithic Power Systems MP3304CDD Datasheet HTML 9Page - Monolithic Power Systems MP3304CDD Datasheet HTML 10Page - Monolithic Power Systems MP3304CDD Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MP3304 –36V, 1.3A, STEP-UP WHITE LED DRIVER WITH HIGH FREQUENCY TRUE PWM DIMMING
MP3304 Rev. 0.91
www.MonolithicPower.com
7
4/19/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
APPLICATION INFORMATION
Enable/
Dimming
Control
MP3304
VIN
5V
MBR0520
IN
EN
GND
LED
ISET
SW
LD1
Figure 2—Circuit for Driving 10 Strings of 3 WLEDs
A typical application circuit can be seen in Figure
2. The 10 strings of 3 white LEDs can be driven
from a 5V voltage at an output current of 200mA.
A 2.2µF output capacitor is sufficient for most
applications. A 2.2µH inductor with low DCR
(Inductor DC resistance) is recommended to
improve efficiency. A 10µF ceramic capacitor is
recommended for the input capacitance in the
real system. Schottky diodes have fast recovery
and a low forward voltage are recommended.
Schottky diodes rated with 500mA are sufficient
for the MP3304. The MP3304 has internal soft-
start to limit the amount of current through VIN at
startup and to also limit the amount of overshoot
on the output.
The ramped voltage that is added to the current
sense amplifier reduces the current output as the
duty cycle increases. As more LEDs are added,
the output voltage rises but the current that can
be delivered to the load is reduced as well.
Setting the LED Current
The LED current is controlled by the current
setting resistor, R1. The current through the
LEDs is given by: ILED = 200mV/R1.
Table 1 shows the selection of resistors for a
given LED current.
Table 1—ILED vs. R1 RSET
ILED (mA)
R1 (Ω)
1
200
5
40
10
20
20
10
60
3.33
180
1.11
200
1
PWM Dimming
Apply a 250Hz to 50kHz square waveform to the
EN pin to implement PWM dimming of the LEDs.
The minimum recommended amplitude of the
PWM signal is 2V.
Open Load Protection
Open Load protection will shut off the MP3304 if
the output voltage goes too high. In some cases
an LED may fail, this will result in the feedback
voltage always being zero. The part will run at
maximum duty cycle boosting the output voltage
higher and higher. If the output voltage ever
exceeds the open load protection threshold
voltage, the MP3304 will shut down. The part will
not switch again until the power is recycled. For
MP3304A, MP3304B, and MP3304C, the open
load protection threshold voltages are 38V, 26V,
and 20V respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com