Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3304CDD Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP3304CDD
Description  36V, 1.3A, Step-up White LED Driver with High Frequency True PWM Dimming
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3304CDD Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP3304CDD Datasheet HTML 4Page - Monolithic Power Systems MP3304CDD Datasheet HTML 5Page - Monolithic Power Systems MP3304CDD Datasheet HTML 6Page - Monolithic Power Systems MP3304CDD Datasheet HTML 7Page - Monolithic Power Systems MP3304CDD Datasheet HTML 8Page - Monolithic Power Systems MP3304CDD Datasheet HTML 9Page - Monolithic Power Systems MP3304CDD Datasheet HTML 10Page - Monolithic Power Systems MP3304CDD Datasheet HTML 11Page - Monolithic Power Systems MP3304CDD Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MP3304 –36V, 1.3A, STEP-UP WHITE LED DRIVER WITH HIGH FREQUENCY TRUE PWM DIMMING
MP3304 Rev. 0.91
www.MonolithicPower.com
11
4/19/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUITS (continued)
MP3304A
SW
IN
LED
GND
ISET
PGND
EN
C3
330nF
R1
R2
D1
B0540
L1
LED1
LED2
LED3
LED4
LED5
LED6
LED7
LED8
LED9
LED10
GND
EN
VIN
5V
C1
16V
C2
16V
1
27
5
8
6
3
1%
Figure 8 — Driving 10 WLEDs in Series with 5V Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com