Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3352 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP3352
Description  60V, 2.5A Integrated Photo Flash Charger with IGBT Driver and Quench
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3352 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP3352 Datasheet HTML 1Page - Monolithic Power Systems MP3352 Datasheet HTML 2Page - Monolithic Power Systems MP3352 Datasheet HTML 3Page - Monolithic Power Systems MP3352 Datasheet HTML 4Page - Monolithic Power Systems MP3352 Datasheet HTML 5Page - Monolithic Power Systems MP3352 Datasheet HTML 6Page - Monolithic Power Systems MP3352 Datasheet HTML 7Page - Monolithic Power Systems MP3352 Datasheet HTML 8Page - Monolithic Power Systems MP3352 Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MP3352 – 60V, 2.5A INTEGRATED PHOTO FLASH CHARGER WITH IGBT DRIVER AND QUENCH
MP3352 Rev. 0.9
www.MonolithicPower.com
3
11/12/2008
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2008 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
(VIN=V (CHARGE)=3.3V, TA = +25°C, unless otherwise noted.)
Parameter
Conditions
Min
Typ
Max
Unit
RDYB Leakage Current
V(RDYB)=3.3V
1
µA
RDYB Output Low Voltage
ISINK= 2mA
0.2
V
MAX TON
Maximum TON time
45
75
105
µs
Thermal Shutdown
Rising edge, hysteresis = 15oC
150
oC
QREF input current
QREF=0.2V to 1.2V
-0.1
0.1
µA
QSNS-QREF offset voltage
QREF=0.2V to 1.2V
-50
50
mV
QSNS input current
QREF=0.2V to 1.2V
-0.1
0.1
µA
QSNS to IGBT Delay
QREF=0.2V to 1.2V
2
µs
IGBT Driver
IGBTOUT pull-up ON
resistance
5
Ω
IGBTOUT pull-down ON
resistance
5
Ω
IGBTIN Input High Voltage
2.4
V
IGBTIN Input Low Voltage
0.6
V
Propagation delay
IGBTIN rising/falling edge to
IGBTOUT rising/falling edge,
CGATE=6500pF
45
ns
IGBTOUT rise time
CGATE=6500pF,20% to 80%
60
ns
IGBTOUT fall time
CGATE=6500pF,20% to 80%
70
ns
Pull down resistance of
IGBTIN
100K
Ω
PIN FUNCTIONS
Pin #
Name
Function
1
ISET
Peak Current Set Input. The peak current is 5 X104 the current flow out of this pin.
2
GND
Analog Ground. Tie it directly to local ground plane.
3
QREF
Quench reference input.
4
QSNS
Quench sense input from light sensor.
5
IGBTOUT
Output Drive for IGBT Gate. Connect this pin to the gate of the IGBT.
6
VIN
Input Supply Pin. Connect it to system supply voltage. Bypass VIN to GND
with a 2x10µF or greater ceramic capacitor.
7, 8
PGND
Power Ground. Ground connection for the power switch.
9
CHARGE
Charge Enable Pin. A low-to-high transition on this pin puts the part into power
delivery mode. Once the target voltage is reached, the part will stop charging
the output. Toggle this pin will start charging again. Bring this pin low will
terminate the power delivery and put the part in shutdown.
10, 11
N/C
No Connect
12, 13
SW
Switch Pin. This is the drain of the internal power switch.
14
IGBTIN
Logic Input Pin for IGBT Drive.
15
RDYB
Open-Drain Power-Ready Output. RDYB goes low when the output voltage is
reached.
16
FB
Feedback Pin. Trip voltage is 1.2V.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com