Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3352 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP3352
Description  60V, 2.5A Integrated Photo Flash Charger with IGBT Driver and Quench
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3352 Datasheet(HTML) 7 Page - Monolithic Power Systems

  MP3352 Datasheet HTML 1Page - Monolithic Power Systems MP3352 Datasheet HTML 2Page - Monolithic Power Systems MP3352 Datasheet HTML 3Page - Monolithic Power Systems MP3352 Datasheet HTML 4Page - Monolithic Power Systems MP3352 Datasheet HTML 5Page - Monolithic Power Systems MP3352 Datasheet HTML 6Page - Monolithic Power Systems MP3352 Datasheet HTML 7Page - Monolithic Power Systems MP3352 Datasheet HTML 8Page - Monolithic Power Systems MP3352 Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
MP3352 – INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
MP3352 Rev. 0.9
www.MonolithicPower.com
7
11/12/2008
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2008 MPS. All Rights Reserved.
APPLICATION INFORMATION
MP3352 controlled flyback charger operates in
critical conduction mode with peak current set by
ISET pin. Output voltage is divided down through
R1, R2 from the positive terminal of the
transformer secondary and compares with 1.20V
at FB pin. The low to high transition of CHARGE
pin will enable the flyback converter to switch.
Charger may enter DCM mode when charge is
close to full and actual OFF time is less than
minimum TOFF. Circuit will stop switching and
RDYB will be pulled low once the flash capacitor
is charged to 300V, a value set by R2, R5, and
R8.
When the part is ready the internal
dissipation is reduced to just the circuits for IGBT
driver. Toggle CHARGE pin will start charge
again. Bringing CHARGE pin low terminates the
power delivery and put the part in shutdown. A
maximum TON timer prevents pulling current from
starved power source. If the ON time exceeds
maximum TON, the switch is forced OFF
regardless of IPEAK detection. Integrated IGBT
driver uses VIN as its power supply.
DCM Comparator
DCM boundary is reached when V (FB) drops to
zero. The DCM comparator compares V (FB) and
a fixed offset voltage of 25mV to account for the
comparator delay.
Charge Speed
The
output
capacitor
charging
speed
is
determined by:
OUT
IN
LIM
charge
V
N
V
1
I
T
+
∝
Setting Peak Charge Current
MP3352’s peak charge current (ISET) can be set
by an external resistor, RSET from the ISET pin to
ground. The value of RSET can be calculated from:
SET
SET
50
R(K )
I(A)
Ω=
For example, for 2.5A peak charge current, RSET
is 20kΩ.
Primary Inductance
The primary inductance is calculated based on
the minimum off time period:
peak
off
min,
out
primary
NI
T
V
L
≥
VOUT: output voltage about 300V
TMIN-OFF Minimum off time 300ns.
IPEAK: primary peak current
Turns Ratio
The minimum turns
ratio of the flyback
transformer is obtained as:
in
ds
out
V
V
V
N
−
≥
VDS: FET drain-source voltage
VIN: Input voltage 3~5V
Table 1—Recommended Transformer Table
Part Number
Description
Size (L×W×H)
Vendor
TTRN-038S
T-19-060
1:8, Lprimary = 6µH, for ILIM = 2.5
Amax
6.4mm×7.7mm×4.0mm
TOKYO Coil
750310448
1:8, Lprimary = 6µH, for ILIM = 2.5
Amax
7mm×10mm×5mm
Wurth
Electronics
LDT565630T-042
1:8, Lprimary = 6µH, for ILIM = 2A
only
5.8mm×5.8mm×3mm
TDK



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com