Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3384 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP3384
Description  50V, 4-String White LED Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3384 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP3384 Datasheet HTML 1Page - Monolithic Power Systems MP3384 Datasheet HTML 2Page - Monolithic Power Systems MP3384 Datasheet HTML 3Page - Monolithic Power Systems MP3384 Datasheet HTML 4Page - Monolithic Power Systems MP3384 Datasheet HTML 5Page - Monolithic Power Systems MP3384 Datasheet HTML 6Page - Monolithic Power Systems MP3384 Datasheet HTML 7Page - Monolithic Power Systems MP3384 Datasheet HTML 8Page - Monolithic Power Systems MP3384 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
MP3384- 50V, 4-STRING WHITE LED DRIVER
MP3384 Rev. 1.01
www.MonolithicPower.com
5
1/29/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
EN
Enable Control Input. Do not let this pin floating.
2
OSC
Switching Frequency Selection Input. When float this pin or connect this pin to VCC, the
step-up converter switching frequency is 1.25MHz. When connect this pin to GND, the
step-up converter switching frequency is 625kHz.
3
ISET
LED Current Setting. Tie a current setting resistor from this pin to ground to program the
current in each LED string. ILED = 1000 x 1.21V / RSET
4
GND
Analog Ground.
5
PWM
PWM Signal Input. The logic signal on this pin controls the PWM burst mode dimming
frequency and duty cycle.
6
LED1
LED String 1 Current Input. This pin is the open-drain output of an internal dimming control
switch. Connect the LED String 1 cathode to this pin. If this string is not used, connect Vout to
this pin.
7
LED2
LED String 2 Current Input. This pin is the open-drain output of an internal dimming control
switch. Connect the LED String 2 cathode to this pin. If this string is not used, connect Vout to
this pin.
8
LED3
LED String 3 Current Input. This pin is the open-drain output of an internal dimming control
switch. Connect the LED String 3 cathode to this pin. If this string is not used, connect Vout to
this pin.
9
LED4
LED String 4 Current Input. This pin is the open-drain output of an internal dimming control
switch. Connect the LED String 4 cathode to this pin. If this string is not used, connect Vout to
this pin.
10
OVP
Over-voltage Protection Input. Connect a resistor divider from output to this pin to program
the OVP threshold. When this pin voltage reaches 1.23V, the MP3384 triggers OV Protection
mode.
11
NC
No Connect.
12
PGND
Step-up Converter Power Ground. Connect exposed pad to PGND.
13
SW
Step-up Converter Power Switch Output. SW is the drain of the internal MOSFET switch.
Connect the power inductor and output rectifier to SW. SW can swing between GND and
50V.
14
COMP
Step-up Converter Compensation Pin. This pin is used to compensate the regulation control
loop. Connect a capacitor or a series RC network from COMP to GND.
15
VCC
The Internal 5V Linear Regulator Output. VCC provides power supply for the internal
MOSFET switch gate driver and the internal control circuitry. Bypass VCC to GND with a
ceramic capacitor. If VIN is less than 5.5V, apply an external 5V supply directly on VCC.
16
VIN
Supply Input. VIN supplies the power to the MP3384 chip. Drive VIN with a 4.5V to 25V
power source. Must be locally bypassed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com