Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3384 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP3384
Description  50V, 4-String White LED Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3384 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP3384 Datasheet HTML 1Page - Monolithic Power Systems MP3384 Datasheet HTML 2Page - Monolithic Power Systems MP3384 Datasheet HTML 3Page - Monolithic Power Systems MP3384 Datasheet HTML 4Page - Monolithic Power Systems MP3384 Datasheet HTML 5Page - Monolithic Power Systems MP3384 Datasheet HTML 6Page - Monolithic Power Systems MP3384 Datasheet HTML 7Page - Monolithic Power Systems MP3384 Datasheet HTML 8Page - Monolithic Power Systems MP3384 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
MP3384
50V, 4-String White LED Driver
MP3384 Rev. 1.01
www.MonolithicPower.com
1
1/29/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP3384 is a step-up converter with
4-channel current sources designed for driving
the white LED arrays for large size LCD panel
backlighting applications.
The MP3384 uses current mode, fixed frequency
architecture. The switching frequency can be
selected at 1.25MHz or 625kHz. It generates an
output voltage up to 50V from a 4.5V to 25V input
supply. The MP3384 independently regulates the
current in each LED string to the user programmed
value set by an external current setting resistor.
The MP3384 applies 4 internal current sources to
achieve a current balance of 2.5% regulation
accuracy between strings. Its low 600mV
regulation voltage on LED current sources reduces
power loss and improves efficiency.
The MP3384 includes under voltage lockout,
current limiting, over voltage, short LED, open LED
and thermal shut-down protection.
The MP3384 is available in small QFN16
(3mmx 3mm) package.
FEATURES
• High Efficiency and Small Size
• 4.5V to 25V Input Voltage Range
• 50V Maximum Step-up Voltage
• Balanced Driver for 4 Strings of WLED
• 2.5% Current Matching Accuracy Between
Strings
• Selectable Switching Frequency: 1.25MHz or
625kHz
• PWM Dimming
• Programmable Over-voltage Protection
• Under Voltage Lockout
• Open and Short LED Protection
• Thermal Shutdown
• Small 16-pin QFN (3mm x 3mm)
APPLICATIONS
• Notebook PC
• Netbook PC
• Digital Picture Frames
• Handy Terminals Display
• Automotive System and Tablet Computer
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Quality Assurance. “MPS” and “The
Future of Analog IC Technology” are Registered Trademarks of Monolithic
Power Systems, Inc.
TYPICAL APPLICATION


Similar Part No. - MP3384

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3384L MPS-MP3384L Datasheet
312Kb / 12P
50V, 4-String, White LED Driver
MP3384LGQ MPS-MP3384LGQ Datasheet
312Kb / 12P
50V, 4-String, White LED Driver
More results

Similar Description - MP3384

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADD5207 AD-ADD5207 Datasheet
428Kb / 16P
Four-String, White LED Driver
REV. A
logo
Monolithic Power System...
MP3386 MPS-MP3386 Datasheet
315Kb / 14P
50V, 6 String White LED Driver
MP3388 MPS-MP3388 Datasheet
342Kb / 14P
50V, 8-String White LED Driver
MP3388S MPS-MP3388S Datasheet
477Kb / 15P
50V, 8-String, Step-Up, White LED Driver
MP3394 MPS-MP3394 Datasheet
401Kb / 17P
Step-up, 4-String Max 200mA/String White LED Driver
MP3394S MPS-MP3394S Datasheet
425Kb / 17P
Step-Up, 4-String Max 200mA/String White LED Driver
MP3397 MPS-MP3397 Datasheet
396Kb / 16P
Step-Up, 4-String Max 350mA/String White LED Driver
logo
Eutech Microelectronics...
EUP2990 EUTECH-EUP2990 Datasheet
681Kb / 1P
6 String White LED Driver
logo
Monolithic Power System...
MPQ3386-AEC1 MPS-MPQ3386-AEC1 Datasheet
593Kb / 15P
50V, 6 String White LED Driver AEC-Q100 Qualified
MP3384L MPS-MP3384L Datasheet
312Kb / 12P
50V, 4-String, White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com