Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3386 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP3386
Description  50V, 6 String White LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3386 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP3386 Datasheet HTML 1Page - Monolithic Power Systems MP3386 Datasheet HTML 2Page - Monolithic Power Systems MP3386 Datasheet HTML 3Page - Monolithic Power Systems MP3386 Datasheet HTML 4Page - Monolithic Power Systems MP3386 Datasheet HTML 5Page - Monolithic Power Systems MP3386 Datasheet HTML 6Page - Monolithic Power Systems MP3386 Datasheet HTML 7Page - Monolithic Power Systems MP3386 Datasheet HTML 8Page - Monolithic Power Systems MP3386 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
MP3386- 50V, 6 STRINGS WHITE LED DRIVERS
MP3386 Rev. 1.0
www.MonolithicPower.com
4
1/19/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN =12V, VEN = 5V, TA = +25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
LED CURRENT REGULATION
LEDX Average Current
ILED
RISET=60.4kΩ
19.3
20
20.7
mA
Current Matching
ILED=20mA
3
%
Maximum LED Current per String
ILEDmax
RISET=40.2 kΩ
30
mA
LEDX Regulation Voltage
(5)
VLEDX
ILED=20mA
600
mV
PROTECTION
OVP Over Voltage Threshold
VOVP_OV
Rising Edge
1.17
1.23
1.3
V
OVP UVLO threshold
VOVP_UV
Step-up Converter Fails
48
70
102
mV
LEDX Over Voltage Threshold
VLEDX_OV
VIN>5.5V
5.1
5.5
5.9
V
LEDX UVLO Threshold
VLEDX_UV
130
175
230
mV
Thermal Shutdown Threshold
TST
150
℃
LEDX Over Voltage Fault Timer
1.3
1.6
1.9
ms
VFAULT Pull Down Current
IFAULT
40
55
70
µA
VFAULT Blocking-Off Voltage
(with Respect to VIN)
VFAULT
VIN =12V, VIN-VFAULT
6
V
Notes:
5) Matching is defined as the difference of the maximum to minimum current divided by the sum of the maximum and minimum currents.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com