Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3386 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP3386
Description  50V, 6 String White LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3386 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP3386 Datasheet HTML 6Page - Monolithic Power Systems MP3386 Datasheet HTML 7Page - Monolithic Power Systems MP3386 Datasheet HTML 8Page - Monolithic Power Systems MP3386 Datasheet HTML 9Page - Monolithic Power Systems MP3386 Datasheet HTML 10Page - Monolithic Power Systems MP3386 Datasheet HTML 11Page - Monolithic Power Systems MP3386 Datasheet HTML 12Page - Monolithic Power Systems MP3386 Datasheet HTML 13Page - Monolithic Power Systems MP3386 Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
MP3386- 50V, 6 STRINGS WHITE LED DRIVERS
MP3386 Rev. 1.0
www.MonolithicPower.com
13
1/19/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
PACKAGE INFORMATION
QFN24 (4mm x 4mm)
SIDE VIEW
TOP VIEW
1
24
19
18
13
12
7
6
BOTTOM VIEW
3.90
4.10
2.50
2.80
3.90
4.10
2.50
2.80
0.50
BSC
0.18
0.30
0.80
1.00
0.00
0.05
0.20 REF
PIN 1 ID
MARKING
2.70
0.25
RECOMMENDED LAND PATTERN
3.90
NOTE:
1) ALL DIMENSIONS ARE IN MILLIMETERS.
2) EXPOSED PADDLE SIZE DOES NOT INCLUDE MOLD FLASH.
3) LEAD COPLANARITY SHALL BE 0.10 MILLIMETER MAX.
4) DRAWING CONFIRMS TO JEDEC MO-220, VARIATION VGGD.
5) DRAWING IS NOT TO SCALE.
PIN 1 ID
SEE DETAIL A
PIN 1 ID OPTION A
0.30x45º TYP.
PIN 1 ID OPTION B
R0.25 TYP.
DETAIL A
PIN 1 ID
INDEX AREA
0.70
0.35
0.45
0.50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com