Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3386DR Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP3386DR
Description  50V, 6 String White LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3386DR Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP3386DR Datasheet HTML 6Page - Monolithic Power Systems MP3386DR Datasheet HTML 7Page - Monolithic Power Systems MP3386DR Datasheet HTML 8Page - Monolithic Power Systems MP3386DR Datasheet HTML 9Page - Monolithic Power Systems MP3386DR Datasheet HTML 10Page - Monolithic Power Systems MP3386DR Datasheet HTML 11Page - Monolithic Power Systems MP3386DR Datasheet HTML 12Page - Monolithic Power Systems MP3386DR Datasheet HTML 13Page - Monolithic Power Systems MP3386DR Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
MP3386- 50V, 6 STRINGS WHITE LED DRIVERS
MP3386 Rev. 1.0
www.MonolithicPower.com
11
1/19/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
APPLICATION INFORMATION
Selecting the Switching Frequency
The switching frequency of the step-up converter
is alternative from 1.25MHz and 625kHz. A bi-
level Switching Frequency Selection (OSC) input
sets the internal oscillator frequency for the step-
up converter. Tie OSC pin to GND corresponds
to the frequency 625kHz and tie OSC pin to VCC
or floating corresponds to 1.25MHz.
Setting the LED Current
The LED string currents are identical and set
through the current setting resistor on the ISET
pin.
ILED = 1000 x1.21V / RSET
For RSET=60.4kΩ, the LED current is set to 20mA.
The ISET pin can not be open.
Setting the Over Voltage Protection
The open string protection is achieved through
the over voltage protection (OVP). In some cases,
an LED string failure results in the feedback
voltage always zero. The part then keeps
boosting the output voltage higher and higher. If
the output voltage ever exceeds the programmed
OVP threshold, the protection will be triggered.
To make sure the chip functions properly, the
OVP setting resistor divider must be set with
proper value. The recommended OVP point is
about 1.3 times higher than the output voltage for
normal operation.
VOVP=1.23V x (R1+R2)/R2
Selecting Dimming Control Mode
The MP3386 provides 4 different dimming
methods
1, PWM dimming mode with internal triangle
waveform generator
Apply a 100Hz to 50kHz square waveform to the
PWMI pin. The internal 400kΩ and external
capacitor on PWMO pin filters the dimming signal
to a DC voltage(0.2V~1.2V).Then DC voltage is
modulated to a internal PWM dimming signal
whose frequency is set via the capacitor on
FSET pin according to the equation:
fDPWM = 3.5uF / CFSET
The minimum recommended amplitude of the
PWM signal is 2.1V (See Figure 3)
C1
FSET
PWMI
PWMO
MP3388
PWM Dimming
100Hz~50kHz
C2
VCC
C3
Figure 3—PWM Dimming
with Internal Triangle Waveform Generator
2, Direct PWM dimming with positive logic
An external PWM dimming signal is directly
employed to achieve PWM dimming control.
Connect a 100kΩ resistor from FSET pin to GND
and apply the 100Hz to 2kHz PWM dimming
signal to PWMI pin. The minimum recommended
amplitude of the PWM signal is 1.5V (See Figure
4).
VCC
C1
FSET
PWMI
PWMO
MP3388
PWM Dimming
100Hz~2kHz
R1
100 k
Figure 4—Direct PWM Dimming
with Positive Logic
3, Direct PWM dimming with negative logic
It is similar to method 2. Apply a 100Hz to 2 kHz
external square waveform to the PWMO pin for
negative logic PWM dimming. The minimum
recommended amplitude of the PWM signal is
1.5V (See Figure 5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com