Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3386DR Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP3386DR
Description  50V, 6 String White LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3386DR Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP3386DR Datasheet HTML 6Page - Monolithic Power Systems MP3386DR Datasheet HTML 7Page - Monolithic Power Systems MP3386DR Datasheet HTML 8Page - Monolithic Power Systems MP3386DR Datasheet HTML 9Page - Monolithic Power Systems MP3386DR Datasheet HTML 10Page - Monolithic Power Systems MP3386DR Datasheet HTML 11Page - Monolithic Power Systems MP3386DR Datasheet HTML 12Page - Monolithic Power Systems MP3386DR Datasheet HTML 13Page - Monolithic Power Systems MP3386DR Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
MP3386- 50V, 6 STRINGS WHITE LED DRIVERS
MP3386 Rev. 1.0
www.MonolithicPower.com
12
1/19/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
VCC
C1
FSET
PWMI
PWMO
MP3386
PWM Dimming
100Hz~2kHz
R1
100 k
Figure 5— Direct PWM Dimming
with Negative Logic
4, DC input PWM dimming
To apply DC input PWM dimming, apply an
analog signal (range from 0.2V to 1.2V) at the
PWMO pin to modulate the LED current directly.
If the PWMO is applied with a DC voltage<0.2V,
the PWM duty cycle will be 100%. If the PWMO
pin is applied with a DC voltage>1.2V, the output
will be 0% (See Figure 6). The capacitor on
FSET pin set the frequency of internal triangle
waveform.
C1
FSET
PWMI
PWMO
MP3386
Analog Dimming
0.2V~1.2V
Figure 6—DC input PWM dimming
Selecting the Inductor
A 10μH (for 1.25MHz switching frequency) /22uH
(for 625kHz switching frequency) inductor with a
DC current rating of at least 40% higher than the
maximum input current is recommended for most
applications. For highest efficiency, the inductor’s
DC resistance should be as small as possible.
Selecting the Input Capacitor
The input capacitor reduces the surge current
drawn from the input supply and the switching
noise from the device. The input capacitor
impedance at the switching frequency should be
less than the input source impedance to prevent
high frequency switching current from passing
through the input. Ceramic capacitors with X5R
or X7R dielectrics are highly recommended
because of their low ESR and small temperature
coefficients. For most applications, a 4.7μF
capacitor is sufficient.
Selecting the Output Capacitor
The output capacitor keeps the output voltage
ripple small and ensures feedback loop stability.
The output capacitor impedance should be low at
the switching frequency. Ceramic capacitors with
X7R dielectrics are recommended for their low
ESR characteristics. For most applications, a
2.2μF ceramic capacitor will be sufficient.
Layout Considerations
Careful attention must be paid to the PCB board
layout and components placement. Proper layout
of the high frequency switching path is critical to
prevent noise and electromagnetic interference
problems. The loop of MP3386 SW to PGND pin
(U1), output diode (D1), and output capacitor (C2)
is flowing with high frequency pulse current. it
must be as short as possible (See Figure 7).
Figure 7—Layout Consideration
The IC exposed pad is internally connected to
GND pin, and all logic signals are refer to the
GND. The PGND should be externally connected
to GND and is recommended to keep away from
the logic signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com