Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3388EY Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP3388EY
Description  50V, 8-String White LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3388EY Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP3388EY Datasheet HTML 1Page - Monolithic Power Systems MP3388EY Datasheet HTML 2Page - Monolithic Power Systems MP3388EY Datasheet HTML 3Page - Monolithic Power Systems MP3388EY Datasheet HTML 4Page - Monolithic Power Systems MP3388EY Datasheet HTML 5Page - Monolithic Power Systems MP3388EY Datasheet HTML 6Page - Monolithic Power Systems MP3388EY Datasheet HTML 7Page - Monolithic Power Systems MP3388EY Datasheet HTML 8Page - Monolithic Power Systems MP3388EY Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
MP3388- 50V, 8-STRING WHITE LED DRIVERS
MP3388 Rev. 1.0
www.MonolithicPower.com
5
12/16/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
PIN FUNCTIONS
QFN24
SOIC28
Name
Description
1
5
EN
Enable Control Input. Do not let this pin floating.
2
6
OSC
Switching Frequency Selection Input. When float this pin or connect this pin to
VCC, the step-up converter switching frequency is 1.25MHz. When connect this
pin to GND, the step-up converter switching frequency is 625kHz.
3
7
FSET
Dimming PWM Frequency Setting. Connect a capacitor between FSET and GND
to set the DPWM frequency by the equation: fDPWM=3.5uF/CFSET.
4
8
PWMO
PWM Filter Output. To use external PWM dimming mode, connect a capacitor
between PWMO and GND to form a low-pass filter with an internal 400kΩ resistor.
It filters the external PWM logic signal on PWMI pin into a DC signal whose level is
inversely proportional to the duty-cycle of the input PWM signal. Then the DC
signal is converted to a DPWM dimming signal with the same duty-cycle as the
external PWM signal. To use DC input PWM dimming mode, directly apply a DC
voltage from 0.2V to 1.2V on PWMO pin for dimming PWM duty cycle control. The
DC input PWM dimming polarity is negative.
5
9
GND
Analog Ground.
6
10
PWMI
PWM Signal Input. To use the external PWM dimming mode, apply a PWM signal
on this pin for brightness control. This signal is filtered and its duty cycle is
converted into a DC signal to calculate the DPWM duty cycle. And the DPWM duty
cycle equals to the input PWM duty cycle. To use DC input PWM dimming mode,
float this pin.
7
11
LED8
LED String 8 Current Input. This pin is the open-drain output of an internal
dimming control switch. Connect the LED String 8 cathode to this pin. If this string
is not used, connect Vout to this pin.
8
12
LED7
LED String 7 Current Input. This pin is the open-drain output of an internal
dimming control switch. Connect the LED String 7 cathode to this pin. If this string
is not used, connect Vout to this pin.
9
13
LED6
LED String 6 Current Input. This pin is the open-drain output of an internal
dimming control switch. Connect the LED String 6 cathode to this pin. If this string
is not used, connect Vout to this pin.
10
14
LED5
LED String 5 Current Input. This pin is the open-drain output of an internal
dimming control switch. Connect the LED String 8 cathode to this pin. If this string
is not used, connect Vout to this pin.
11
16
ISET
LED Current Setting. Tie a current setting resistor from this pin to ground to
program the current in each LED string. ILED = 1000 x 1.22V /( RSET+1kΩ)
12
18
LED4
LED String 4 Current Input. This pin is the open-drain output of an internal
dimming control switch. Connect the LED String 4 cathode to this pin. If this string
is not used, connect Vout to this pin.
13
19
LED3
LED String 3 Current Input. This pin is the open-drain output of an internal
dimming control switch. Connect the LED String 3 cathode to this pin. If this string
is not used, connect Vout to this pin.
14
20
LED2
LED String 2 Current Input. This pin is the open-drain output of an internal
dimming control switch. Connect the LED String 2 cathode to this pin. If this string
is not used, connect Vout to this pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com