Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3388EY Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP3388EY
Description  50V, 8-String White LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3388EY Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP3388EY Datasheet HTML 6Page - Monolithic Power Systems MP3388EY Datasheet HTML 7Page - Monolithic Power Systems MP3388EY Datasheet HTML 8Page - Monolithic Power Systems MP3388EY Datasheet HTML 9Page - Monolithic Power Systems MP3388EY Datasheet HTML 10Page - Monolithic Power Systems MP3388EY Datasheet HTML 11Page - Monolithic Power Systems MP3388EY Datasheet HTML 12Page - Monolithic Power Systems MP3388EY Datasheet HTML 13Page - Monolithic Power Systems MP3388EY Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
MP3388- 50V, 8-STRING WHITE LED DRIVERS
MP3388 Rev. 1.0
www.MonolithicPower.com
11
12/16/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
APPLICATION INFORMATION
Selecting the Switching Frequency
The switching frequency of the step-up converter
is alternative for 1.25MHz or 625kHz. A bi-level
Switching Frequency Selection (OSC) input sets
the internal oscillator frequency for the step-up
converter. Tie OSC pin to GND corresponds to
the frequency 625kHz and tie OSC pin to VCC or
floating corresponds to 1.25MHz.
Setting the LED Current
The LED string currents are identical and set
through the current setting resistor on the ISET
pin.
ILED = 1000 x 1.22V / (RSET+1kΩ)
For RSET=60.4kΩ, the LED current is set to
19.9mA. The ISET pin can not be open.
Setting the Over Voltage Protection
The open string protection is achieved through
the over voltage protection (OVP). In some cases,
an LED string failure results in the feedback
voltage always zero. The part then keeps
boosting the output voltage higher and higher. If
the output voltage reaches the programmed OVP
threshold, the protection will be triggered.
To make sure the chip functions properly, the
OVP setting resistor divider must be set with a
proper value. The recommended OVP point is
about 1.3 times higher than the output voltage for
normal operation.
VOVP=1.23V x (R1+R2)/R2
Selecting Dimming Control Mode
The MP3388 provides 4 different dimming
methods
1. PWM dimming mode with internal triangle
waveform generator
Apply a 100Hz to 50kHz square waveform to the
PWMI pin. The internal 400kΩ and external
capacitor on PWMO pin filters the dimming signal
to a DC voltage(0.2V~1.2V).Then the DC voltage
is modulated to an internal PWM dimming signal
whose frequency is set via the capacitor on FSET
pin according to the equation:
fDPWM = 3.5uF / CFSET
The minimum recommended amplitude of the
PWM signal is 2.1V (See Figure 3)
C1
FSET
PWMI
PWMO
MP3388
PWM Dimming
100Hz~50kHz
C2
Figure 3—PWM Dimming
with Internal Triangle Waveform Generator
2. Direct PWM dimming with positive logic
An external PWM dimming signal is directly
employed to achieve PWM dimming control.
Connect a 100kΩ resistor from FSET pin to GND
and apply the 100Hz to 2kHz PWM dimming
signal to PWMI pin. The minimum recommended
amplitude of the PWM signal is 1.5V (See Figure
4).
VCC
C1
FSET
PWMI
PWMO
MP3388
PWM Dimming
100Hz~2kHz
R1
100 kO
Figure 4—Direct PWM Dimming
with Positive Logic
3. Direct PWM dimming with negative logic
It is similar to method 2. Apply a 100Hz to 2 kHz
external square waveform to the PWMO pin for
negative logic PWM dimming. The minimum
recommended amplitude of the PWM signal is
1.5V (See Figure 5),
VCC
C1
FSET
PWMI
PWMO
MP3388
PWM Dimming
100Hz~2kHz
R1
100 kO
Figure 5— Direct PWM Dimming
with Negative Logic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com