Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3388S Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP3388S
Description  50V, 8-String, Step-Up, White LED Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3388S Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP3388S Datasheet HTML 2Page - Monolithic Power Systems MP3388S Datasheet HTML 3Page - Monolithic Power Systems MP3388S Datasheet HTML 4Page - Monolithic Power Systems MP3388S Datasheet HTML 5Page - Monolithic Power Systems MP3388S Datasheet HTML 6Page - Monolithic Power Systems MP3388S Datasheet HTML 7Page - Monolithic Power Systems MP3388S Datasheet HTML 8Page - Monolithic Power Systems MP3388S Datasheet HTML 9Page - Monolithic Power Systems MP3388S Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
MP3388S—50V, 8-STRING, STEP-UP, WHITE LED DRIVER
MP3388S Rev.1.01
www.MonolithicPower.com
6
10/29/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
PIN FUNCTIONS (continued)
Pin #
Name
Description
16
OVP
Over-Voltage Protection Input. Connect to the tap of a resistor divider from the output to
AGND to program the OVP threshold. When this pin voltage reaches 1.23V, the MP3388S
triggers OVP mode.
17
PGND2
Step-Up Converter Power Ground. PGND1 and PGND2 should be shorted externally.
18
PGND1
Step-Up Converter Power Ground. PGND1 and PGND2 should be shorted externally.
19
SW2
Step-Up Converter Power Switch Output. SW2 is the drain of the internal MOSFET switch.
Connect the power inductor and output rectifier to SW2. SW2 can swing between GND and
50V. SW1 and SW2 should be shorted externally.
20
SW1
Step-Up Converter Power Switch Output. SW1 is the drain of the internal MOSFET switch.
Connect the power inductor and output rectifier to SW1. SW1 can swing between GND and
50V. SW1 and SW2 should be shorted externally.
21
VFAULT
Fault-Disconnection–Switch Driver Output. When the system starts up normally, this pin
turns on the external PMOS. When the MP3388S is disabled, the external PMOS turns off
to disconnect the input and output.
22
COMP
Step-Up Converter Compensation. This pin compensates the regulation control loop.
Connect a capacitor or a series RC network from COMP to GND.
23
VIN
Supply Input. VIN supplies the power to the MP3388S chip. Drive VIN with a 4.3V-to-25V
power source. Must be locally bypassed.
24
VCC
The Internal 5V Linear Regulator Output. VCC provides power for the internal MOSFET
gate driver and the internal control circuitry. Bypass VCC to GND with a ceramic capacitor.
If VIN is less than 5.5V, apply an external 5V supply directly on VCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com