Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3388S Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP3388S
Description  50V, 8-String, Step-Up, White LED Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3388S Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP3388S Datasheet HTML 5Page - Monolithic Power Systems MP3388S Datasheet HTML 6Page - Monolithic Power Systems MP3388S Datasheet HTML 7Page - Monolithic Power Systems MP3388S Datasheet HTML 8Page - Monolithic Power Systems MP3388S Datasheet HTML 9Page - Monolithic Power Systems MP3388S Datasheet HTML 10Page - Monolithic Power Systems MP3388S Datasheet HTML 11Page - Monolithic Power Systems MP3388S Datasheet HTML 12Page - Monolithic Power Systems MP3388S Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
MP3388S—50V, 8-STRING, STEP-UP, WHITE LED DRIVER
MP3388S Rev.1.01
www.MonolithicPower.com
9
10/29/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
OPERATION
The MP3388S employs a constant-frequency,
peak-current–mode step-up converter and 8
channels of regulated current sources to regulate
up to 8 strings of white LEDs.
Internal 5V Regulator
The MP3388S includes an internal linear regulator
(VCC). When VIN exceeds 5.5V, this regulator
provides a 5V power supply for the internal
MOSFET switch gate driver and the internal
control circuitry. VCC drops to 0V when the chip
shuts down. In applications where VIN is less than
5.5V, tie VCC and VIN together. The MP3388S
features under-voltage lockout (UVLO). The chip
is disabled until VCC exceeds the UVLO
threshold. The UVLO hysteresis is approximately
200mV.
System Startup
When the MP3388S is enabled, the chip checks
the topology connection first. The VFAULT pin
slowly turns on the external fault disconnection
PMOS. And after a 400µs delay, the chip monitors
the OVP pin to check for the Schottky diode or if
the boost output is shorted to GND. If the OVP
voltage is below 70mV, the chip is disabled and
the external PMOS is turned off together. The
MP3388S also checks other safety limits,
including UVLO and OTP if the OVP test passes.
If the circuit passes all tests, then the MP3388S
uses an internal soft-start to boosting the step-up
converter.
For best results, use the following start-up
sequence: either VIN or the PWM dimming signal
first, and then the enable signal (see Figure 2).
The MP3388S does not require a power-off
sequence (see Figure 4)
(a)
(b)
Figure 2: Recommended Start-Up Sequence
If using any other start-up sequence, as shown in
Figure 3(a), and the unused LEDx pins are not
connected
to
VOUT,
then
decrease
the
input-voltage rise-time (τ). For a 6-string LED
application, select τ less than 20ms as shown in
Figure 3(b)
(a)
VIN
0V
4.5V
τ
(b)
Figure 3: Input Voltage Rise-Time Indicator for
a 6-String LED Application
Note:
Use any power sequence if the VIN
rise-time from 0V to 4.5V is less than 20ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com