Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE5007T-R Datasheet(PDF) 10 Page - Skyworks Solutions Inc.

Part # SE5007T-R
Description  SE5007T: 5 GHz Front End Module with Power Detector
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE5007T-R Datasheet(HTML) 10 Page - Skyworks Solutions Inc.

Back Button SE5007T-R Datasheet HTML 3Page - Skyworks Solutions Inc. SE5007T-R Datasheet HTML 4Page - Skyworks Solutions Inc. SE5007T-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE5007T-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE5007T-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE5007T-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE5007T-R Datasheet HTML 9Page - Skyworks Solutions Inc. SE5007T-R Datasheet HTML 10Page - Skyworks Solutions Inc. SE5007T-R Datasheet HTML 11Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
DATA SHEET
SE5007T: 5 GHz Front End Module with Power Detector
Skyworks Solutions, Inc. ● Phone [781] 376-3000 ● Fax [781] 376-3100 ● sales@skyworksinc.com ● www.skyworksinc.com
DST-00383  Rev 2.0 ● Skyworks Proprietary Information ● Products and Product Information are Subject to Change Without Notice ● April 3, 2012
10 of 11
Branding Information
Figure 6: SE5007T Branding
Tape and Reel Information
Parameter
Value
Devices Per Reel
3000
Reel Diameter
13 inches
Tape Width
12 millimeters
Figure 7: SE5007T-R Tape and Reel Information
Document Change History
Revision
Date
Notes
1.0
Jun 24, 2010
Created
1.1
Jul 2, 2010
Corrected control logic table
1.2
Jul 7, 2010
Expanded frequency range to 4.9GHz to 5.85GHz
Expanded operating temperature range to -40 to +85
Changed VDD supply from 2.5V to 3.3V + 10%
1.3
Jul 14, 2010
Removed reference to incorrect part number.
1.4
Sep 30, 2010
Updated RX output return loss (S22) limit
1.5
Oct 05, 2010
Updated the Block Diagram
1.6
Dec 20, 2010
Corrected RX Conditions in Control Logic table
SiGe
5007T
Lot Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com