Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE5007T-R Datasheet(PDF) 2 Page - Skyworks Solutions Inc.

Part # SE5007T-R
Description  SE5007T: 5 GHz Front End Module with Power Detector
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE5007T-R Datasheet(HTML) 2 Page - Skyworks Solutions Inc.

  SE5007T-R Datasheet HTML 1Page - Skyworks Solutions Inc. SE5007T-R Datasheet HTML 2Page - Skyworks Solutions Inc. SE5007T-R Datasheet HTML 3Page - Skyworks Solutions Inc. SE5007T-R Datasheet HTML 4Page - Skyworks Solutions Inc. SE5007T-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE5007T-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE5007T-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE5007T-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE5007T-R Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
DATA SHEET
SE5007T: 5 GHz Front End Module with Power Detector
Skyworks Solutions, Inc. ● Phone [781] 376-3000 ● Fax [781] 376-3100 ● sales@skyworksinc.com ● www.skyworksinc.com
DST-00383  Rev 2.0 ● Skyworks Proprietary Information ● Products and Product Information are Subject to Change Without Notice ● April 3, 2012
2 of 11
Pin Out Diagram
Figure 2: SE5007T Pin-Out Diagram
Pin Out Description
Pin
No.
Name
Description
Pin
No.
Name
Description
1
EN
PA Enable
9
VDD
LNA Supply Voltage
2
GND
Ground
10
GND
Ground
3
TXIN
5GHz TX RF Input Signal
11
ANT
5GHz Antenna output
4
GND
Ground
12
GND
Ground
5
RX
5GHz LNA Output Signal
13
DET
Power Detector Output
6
GND
Ground
14
H/L Lin
High-Low linearity Control
7
C0
Switch Control Logic 1
15
VCC1
Power Stage Supply Voltage
8
C1
Switch Control Logic 2
16
VCC2
Bias, Driver Stage Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com