Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3389 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP3389
Description  12?밪tring, Step-up White LED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3389 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP3389 Datasheet HTML 2Page - Monolithic Power Systems MP3389 Datasheet HTML 3Page - Monolithic Power Systems MP3389 Datasheet HTML 4Page - Monolithic Power Systems MP3389 Datasheet HTML 5Page - Monolithic Power Systems MP3389 Datasheet HTML 6Page - Monolithic Power Systems MP3389 Datasheet HTML 7Page - Monolithic Power Systems MP3389 Datasheet HTML 8Page - Monolithic Power Systems MP3389 Datasheet HTML 9Page - Monolithic Power Systems MP3389 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
MP3389—12-STRING WHITE LED DRIVER WITH STEP-UP CONTROLLER
MP3389 Rev. 1.04
www.MonolithicPower.com
6
3/27/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
PIN FUNCTIONS (continued)
Pin #
Name
Description
15
LED8
LED String 8 Current Input. This pin is the open-drain output of an internal dimming
control switch. Connect the LED String 8 cathode to this pin. If this string is not used,
connect Vin to this pin.
16
LED7
LED String 7 Current Input. This pin is the open-drain output of an internal dimming
control switch. Connect the LED String 7 cathode to this pin. If this string is not used,
connect Vin to this pin.
17
LED6
LED String 6 Current Input. This pin is the open-drain output of an internal dimming
control switch. Connect the LED String 6 cathode to this pin. If this string is not used,
connect Vin to this pin.
18
LED5
LED String 5 Current Input. This pin is the open-drain output of an internal dimming
control switch. Connect the LED String 5 cathode to this pin. If this string is not used,
connect Vin to this pin.
19
LED4
LED String 4 Current Input. This pin is the open-drain output of an internal dimming
control switch. Connect the LED String 4 cathode to this pin. If this string is not used,
connect Vin to this pin.
20
LED3
LED String 3 Current Input. This pin is the open-drain output of an internal dimming
control switch. Connect the LED String 3 cathode to this pin. If this string is not used,
connect Vin to this pin.
21
LED2
LED String 2 Current Input. This pin is the open-drain output of an internal dimming
control switch. Connect the LED String 2 cathode to this pin. If this string is not used,
connect Vin to this pin.
22
LED1
LED String 1 Current Input. This pin is the open-drain output of an internal dimming
control switch. Connect the LED String 1 cathode to this pin. If this string is not used,
connect Vin to this pin.
23
OVP
Over-voltage Protection Input. Connect a resistor divider from output to this pin to
program the OVP threshold. When this pin voltage reaches 1.23V, the MP3389 triggers
OV Protection mode.
24
ISENSE
Current Sense Input. During normal operation, this pin senses the voltage across the
external inductor current sensing resistor for peak current mode control and also to limit
the inductor current during every switching cycle.
25
PGND
Step-up Converter Power Ground.
26
GATE
Step-up Converter Power Switch Gate Output. This pin drives the external power N-MOS
device.
27
VFAULT
Fault Disconnection Switch Gate Output. When the system starts up normally, this pin
smoothly turns on the external PMOS. When the MP3389 is disabled, the external
PMOS is turned off to disconnect the input and output.
28
NC
No Connect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com