Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3389 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP3389
Description  12?밪tring, Step-up White LED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3389 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP3389 Datasheet HTML 1Page - Monolithic Power Systems MP3389 Datasheet HTML 2Page - Monolithic Power Systems MP3389 Datasheet HTML 3Page - Monolithic Power Systems MP3389 Datasheet HTML 4Page - Monolithic Power Systems MP3389 Datasheet HTML 5Page - Monolithic Power Systems MP3389 Datasheet HTML 6Page - Monolithic Power Systems MP3389 Datasheet HTML 7Page - Monolithic Power Systems MP3389 Datasheet HTML 8Page - Monolithic Power Systems MP3389 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
MP3389
12–String, Step-up
White LED Driver
MP3389 Rev. 1.04
www.MonolithicPower.com
1
3/27/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP3389 is a step-up controller with 12-
channel current sources designed for driving
the WLED arrays for large size LCD panel
backlighting applications.
The MP3389 uses current mode, fixed frequency
architecture.
The
switching
frequency
is
programmable by an external frequency setting
resistor. It drives an external MOSFET to boost
up the output voltage from a 5V to 28V input
supply. The MP3389 regulates the current in
each LED string to the programmed value set by
an external current setting resistor.
The MP3389 applies 12 internal current
sources for current balance. And the current
matching can achieve 2.5% regulation accuracy
between strings. Its low 550mV regulation
voltage on LED current sources reduces power
loss and improves efficiency.
PWM dimming is implemented with external
PWM input signal or DC input signal. The
dimming PWM signal can be generated internally,
and the dimming frequency is programmed by
an external setting capacitor.
FEATURES
• High Efficiency and Small Size
• 5V to 28V Input Voltage Range
• Balanced Driver for 12 Strings of WLEDs
• Maximum 60mA for Each String
• 2.5% Current Matching Accuracy Between
Strings
• Programmable Switching Frequency
• PWM or DC Input Burst PWM Dimming
• Open and Short LED protection
• Programmable Over-voltage Protection
• Under Voltage Lockout
• Thermal Shutdown
• 28-pin TSSOP and 28-pin SOIC Package
APPLICATIONS
• Desktop LCD Flat Panel Displays
• Flat Panel Video Displays
• LCD TVs and Monitors
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Quality Assurance. “MPS” and “The
Future of Analog IC Technology” are Registered Trademarks of Monolithic
Power Systems, Inc.
TYPICAL APPLICATION
VIN
5V~28V
MP3389
ISENSE
GATE
EN
OSC
NC
BOSC
GND
DBRT
NC
OVP
LED1
LED2
LED3
8
1
10
7
6
9
26
24
28
23
22
21
Enable
DIMMING
L1
D1
CIN
R1
R2
RSET
CBOSC
ROSC
RSENSE
M2
LED4
LED5
LED6
RCOMP
20
19
18
17
VIN
VCC
COMP
2
3
4
5
ISET
COUT
CCOMP
CVCC
RBOSC
VCC
LED12
LED11
LED10
11
12
13
14
LED9
VFAULT
27
PGND
25
LED7
LED8
16
15
M1


Similar Part No. - MP3389

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3389EF MPS-MP3389EF Datasheet
194Kb / 5P
12 strings White LED Driver Evaluation Board
MP3389EY MPS-MP3389EY Datasheet
147Kb / 4P
12 strings White LED Driver Evaluation Board
More results

Similar Description - MP3389

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8431 ALLEGRO-A8431 Datasheet
331Kb / 10P
White LED Driver Constant Current Step-up Converter
April 5, 2005
A8430 ALLEGRO-A8430 Datasheet
329Kb / 10P
White LED Driver Constant Current Step-up Converter
logo
Silicon Touch Technolog...
PC112 SITI-PC112 Datasheet
380Kb / 14P
Step Up Converter for White LED Driver
logo
Taiwan Semiconductor Co...
TS1520 TSC-TS1520 Datasheet
1,011Kb / 12P
Step-Up DC-DC Converter, White LED Driver
logo
Exar Corporation
SP6699 EXAR-SP6699 Datasheet
504Kb / 12P
27V Step Up White LED Driver
logo
YOBON TECHNOLOGIES,INC.
YB1518 YOBON-YB1518 Datasheet
1Mb / 12P
Step-up DC-DC Converter White LED Driver
logo
Global Mixed-mode Techn...
G5997 GMT-G5997 Datasheet
188Kb / 2P
Step-up Controller for 12 Strings 60mA White LED Driver
logo
STMicroelectronics
STLED25 STMICROELECTRONICS-STLED25 Datasheet
2Mb / 30P
5 channels step-up white LED driver
11-May-2012
logo
Exar Corporation
SP6699EK-L-TR EXAR-SP6699EK-L-TR Datasheet
569Kb / 13P
27V Step Up White LED Driver
logo
Will Semiconductor Ltd.
WD3139 WILLSEMI-WD3139 Datasheet
1Mb / 13P
High Efficiency, 38V Step-Up White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com