Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLED25 Datasheet (PDF) - STMicroelectronics

STLED25 Datasheet PDF - STMicroelectronics
Part # STLED25
Download  STLED25 Download
File Size   2179.7 Kbytes
Page   30 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 5 channels step-up white LED driver

STLED25 Datasheet (PDF)

Go To PDF Page Download Datasheet
STLED25 Datasheet PDF - STMicroelectronics

Part # STLED25
Download  STLED25 Click to download

File Size   2179.7 Kbytes
Page   30 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 5 channels step-up white LED driver

STLED25 Datasheet (HTML) - STMicroelectronics


STLED25 Product details

Description
The STLED25 is a fixed frequency, high efficiency, boost DC-DC converter with five parallel high side current sources. It is capable of providing 125 mA of total current with a maximum voltage of 7.5 V on each channel. Each current source supports single or dual LED connection. The output voltage of the step-up converter is automatically set at 100 mV above the highest voltage required on any driver, to guarantee proper operation of the linear current sources. The device implements a self-test feature to detect failure of any of the LEDs and to disable the related channel. The failure status is reset as soon the IC is disabled. This mode of failure detection allows the device to continue operating driver channels that are functioning normally, while avoiding excessive power consumption or associated thermal issues. The control technique is able to maintain the efficiency close to 87% at medium load and higher than 85% at light or full load. The device also includes soft-start control, inrush current limit, thermal shutdown and inductor peak current limit. The STLED25 is packaged in a 12-bump CSP (1.4 x 1.8 mm, 0.5 mm height). Flip-Chip 12 bumps (1.4 x 1.8 mm.)

Features
■ Operating input voltage range from 2.3 V to 5.5 V
■ ± 7.5% LED current accuracy
■ Two LEDs in series per channel
■ High side current source
■ Up to 125 mA of total LED current
■ 86% efficiency at 100 mA
■ PWM dimming with automatic shutdown time window
■ 2.5 MHz switching frequency
■ CSP 12 bumps 0.4 mm. pitch 1.4 x 1.8 mm.

Applications
■ LCD backlight with up to 10 LEDs
■ Cellular phones
■ PDAs




Similar Part No. - STLED25

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLED316S STMICROELECTRONICS-STLED316S Datasheet
82Kb / 4P
Serial-Interfaced 6-Digit LED controller with key scan
07-Feb-2007
STLED316S STMICROELECTRONICS-STLED316S Datasheet
441Kb / 33P
Serial-interfaced 6-digit LED controller with keyscan
09-Jan-2008
STLED316SMTR STMICROELECTRONICS-STLED316SMTR Datasheet
82Kb / 4P
Serial-Interfaced 6-Digit LED controller with key scan
07-Feb-2007
STLED316SMTR STMICROELECTRONICS-STLED316SMTR Datasheet
441Kb / 33P
Serial-interfaced 6-digit LED controller with keyscan
09-Jan-2008
STLED316S STMICROELECTRONICS-STLED316S_08 Datasheet
441Kb / 33P
Serial-interfaced 6-digit LED controller with keyscan
09-Jan-2008
More results


Similar Description - STLED25

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8431 ALLEGRO-A8431 Datasheet
331Kb / 10P
White LED Driver Constant Current Step-up Converter
April 5, 2005
A8430 ALLEGRO-A8430 Datasheet
329Kb / 10P
White LED Driver Constant Current Step-up Converter
logo
Silicon Touch Technolog...
PC112 SITI-PC112 Datasheet
380Kb / 14P
Step Up Converter for White LED Driver
logo
Taiwan Semiconductor Co...
TS1520 TSC-TS1520 Datasheet
1,011Kb / 12P
Step-Up DC-DC Converter, White LED Driver
logo
Monolithic Power System...
MP3389 MPS-MP3389 Datasheet
391Kb / 16P
12?밪tring, Step-up White LED Driver
logo
Exar Corporation
SP6699 EXAR-SP6699 Datasheet
504Kb / 12P
27V Step Up White LED Driver
logo
YOBON TECHNOLOGIES,INC.
YB1518 YOBON-YB1518 Datasheet
1Mb / 12P
Step-up DC-DC Converter White LED Driver
logo
Exar Corporation
SP6699EK-L-TR EXAR-SP6699EK-L-TR Datasheet
569Kb / 13P
27V Step Up White LED Driver
logo
Will Semiconductor Ltd.
WD3139 WILLSEMI-WD3139 Datasheet
1Mb / 13P
High Efficiency, 38V Step-Up White LED Driver
logo
SHENZHEN FUMAN ELECTRON...
A3127 FUMAN-A3127 Datasheet
191Kb / 7P
Step-up DC/DC converter white LED driver
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com