Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLED25 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STLED25
Description  5 channels step-up white LED driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLED25 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STLED25 Datasheet HTML 3Page - STMicroelectronics STLED25 Datasheet HTML 4Page - STMicroelectronics STLED25 Datasheet HTML 5Page - STMicroelectronics STLED25 Datasheet HTML 6Page - STMicroelectronics STLED25 Datasheet HTML 7Page - STMicroelectronics STLED25 Datasheet HTML 8Page - STMicroelectronics STLED25 Datasheet HTML 9Page - STMicroelectronics STLED25 Datasheet HTML 10Page - STMicroelectronics STLED25 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
STLED25
Maximum ratings
Doc ID 022323 Rev 3
7/30
3
Maximum ratings
Table 4.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VIN
Supply voltage
-0.3 to +6
V
SW
Switching node
-0.3 to + 11
V
VOUT
Output voltage
-0.3 to +10
V
D1-D5
LED strings
-0.3 to +10
V
EN13, EN45
Signal pins
-0.3 to VIN
V
ISET
Current setting
-0.3 V to 2
V
ESD
Machine model
± 200
V
Human body model
± 2000
Charged device model
± 500
TAMB
Operating ambient temperature
-30 to 85
°C
TJ
Maximum operating junction temperature
+150
°C
TSTG
Storage temperature
-65 to 150
°C
Table 5.
Thermal data
Symbol
Parameter
Value
Unit
RTHJA
Junction to ambient thermal resistance
(1)
1.
This parameter corresponds to a 4-layer PCB board with 1 inch² of cooling area.
62
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com