Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLED25 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STLED25
Description  5 channels step-up white LED driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLED25 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STLED25 Datasheet HTML 14Page - STMicroelectronics STLED25 Datasheet HTML 15Page - STMicroelectronics STLED25 Datasheet HTML 16Page - STMicroelectronics STLED25 Datasheet HTML 17Page - STMicroelectronics STLED25 Datasheet HTML 18Page - STMicroelectronics STLED25 Datasheet HTML 19Page - STMicroelectronics STLED25 Datasheet HTML 20Page - STMicroelectronics STLED25 Datasheet HTML 21Page - STMicroelectronics STLED25 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
Detailed description
STLED25
18/30
Doc ID 022323 Rev 3
6.4
Modes of operation
Shutdown mode
The device is in shutdown with minimum current consumption. It goes to PWM_start as
soon as EN13 or EN45 are pulled high.
PWM_start
Once ENxx is asserted, the DC-DC is turned ON with a soft-start procedure until VOUT
reaches 7 V; this phase takes around 1.2 ms.
If ENxx remains asserted, the device will stay in this condition and wait for 10 ms
(PWM_start_up), then the STLED25 goes to PWM_normal mode. If the next EN is asserted
during the PWM_start_up mode, the device will immediately enable the LED current
sources and continue in PWM_normal mode.
PWM_normal
In this mode of operation the drivers are in the ON state delivering current to the LEDs, and
the DC-DC converter maintains the VOUT value with enough headroom to keep the high side
current sources in regulation.
When both EN pins are low, the drivers are turned off and the RUN_HOLD timer starts.
RUN_hold
The RUN_hold time lasts approximately 30 ms. During this time, the DC-DC converter
maintains the last optimum voltage on VOUT. If RUN_hold time elapses without EN
reassertion, then the STLED25 goes into shutdown mode. If EN is reasserted, the device
goes to PWM_normaL mode.
Figure 19.
Modes of operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com