Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLED25 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STLED25
Description  5 channels step-up white LED driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLED25 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STLED25 Datasheet HTML 6Page - STMicroelectronics STLED25 Datasheet HTML 7Page - STMicroelectronics STLED25 Datasheet HTML 8Page - STMicroelectronics STLED25 Datasheet HTML 9Page - STMicroelectronics STLED25 Datasheet HTML 10Page - STMicroelectronics STLED25 Datasheet HTML 11Page - STMicroelectronics STLED25 Datasheet HTML 12Page - STMicroelectronics STLED25 Datasheet HTML 13Page - STMicroelectronics STLED25 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
Typical application performance
STLED25
10/30
Doc ID 022323 Rev 3
5
Typical application performance
5.1
Quiescent current consumption
Figure 4.
Quiescent current at different ambient temperatures
5.2
Switching frequency
Figure 5.
Switching frequency at different ambient temperatures
AM09922v1
0
0.01
0.02
0.03
0.04
0.05
0.06
1.5 1.9 2.3 2.7 3.1 3.5 3.9 4.3 4.7 5.1 5.5 5.9
VIN [V]
-30°C
25°C
85°C
AM09923v1
2.3
2.35
2.4
2.45
2.5
2.55
2.6
2.65
2.7
1.5 1.9 2.3 2.7 3.1 3.5 3.9 4.3 4.7 5.1 5.5 5.9
VIN [V]
-30°C
25°C
85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com