Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLED25 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STLED25
Description  5 channels step-up white LED driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLED25 Datasheet(HTML) 4 Page - STMicroelectronics

  STLED25 Datasheet HTML 1Page - STMicroelectronics STLED25 Datasheet HTML 2Page - STMicroelectronics STLED25 Datasheet HTML 3Page - STMicroelectronics STLED25 Datasheet HTML 4Page - STMicroelectronics STLED25 Datasheet HTML 5Page - STMicroelectronics STLED25 Datasheet HTML 6Page - STMicroelectronics STLED25 Datasheet HTML 7Page - STMicroelectronics STLED25 Datasheet HTML 8Page - STMicroelectronics STLED25 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
Application schematic
STLED25
4/30
Doc ID 022323 Rev 3
1
Application schematic
Figure 1.
STLED25 application schematic
Note:
All the above components refer to a typical application. Operation of the device is not limited
to the choice of these external components.
Table 2.
Typical external components
Component
Manufacturer
Part number
Value
Size
CIN
Murata
GRM155R60J155M
1.5 µF
0402
COUT
Murata
GRM219R61A106ME47
10 µF
0805
L
Samsung
CIG21K4R7SCE
4.7 µH
0805
RSET
25 k (1)
1.
For 20 mA per branch.
0402



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com