Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLED25 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STLED25
Description  5 channels step-up white LED driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLED25 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STLED25 Datasheet HTML 10Page - STMicroelectronics STLED25 Datasheet HTML 11Page - STMicroelectronics STLED25 Datasheet HTML 12Page - STMicroelectronics STLED25 Datasheet HTML 13Page - STMicroelectronics STLED25 Datasheet HTML 14Page - STMicroelectronics STLED25 Datasheet HTML 15Page - STMicroelectronics STLED25 Datasheet HTML 16Page - STMicroelectronics STLED25 Datasheet HTML 17Page - STMicroelectronics STLED25 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
Typical application performance
STLED25
14/30
Doc ID 022323 Rev 3
5.9
PWM dimming linearity 0.39 - 10%
Figure 12.
PWM linearity 0.39 - 10% at TA = 25 °C
5.10
PWM dimming linearity 10 - 100%
Figure 13.
PWM linearity 10 - 100% at TA = 25 °C
AM09930v1
0
1
2
3
4
5
6
7
8
9
10
11
0.00 1.00 2.00 3.00 4.00 5.00 6.00 7.00 8.00 9.00 10.00 11.00
DC [%]
AM09931v1
0
10
20
30
40
50
60
70
80
90
100
110
0
102030405060708090
100
110
DC [%]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com